Electronic Components Datasheet Search
  English  ▼

X  

MSK0002 Datasheet(PDF) 3 Page - Anaren Microwave

Part # MSK0002
Description  HIGH SPEED, BUFFER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK0002 Datasheet(HTML) 3 Page - Anaren Microwave

  MSK0002 Datasheet HTML 1Page - Anaren Microwave MSK0002 Datasheet HTML 2Page - Anaren Microwave MSK0002 Datasheet HTML 3Page - Anaren Microwave MSK0002 Datasheet HTML 4Page - Anaren Microwave MSK0002 Datasheet HTML 5Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APPLICATION NOTES
HEAT SINKING
To determine if a heat sink is necessary for your application
and if so, what type, refer to the thermal model and governing
equation below.
RΘSA = ((TJ - TA)/PD) - (RΘJC) - (RΘCS)
= ((125°C - 80°C) / 0.36W) - 55°C/W - 0.15°C/W
= 125 - 55.15
= 69.9°C/W
This heat sink in this example must have a thermal resistance
of no more than 69.9°C/W to maintain a junction temperature
of no more than +125°C.
TJ=PD X (RΘJC +RΘCS +RΘSA) +TA
Where
TJ=Junction Temperature
PD=Total Power Dissipation
RΘJC=Junction to Case Thermal Resistance
RΘCS=Heat Sink to Ambient Thermal Resistance
TC=Case Temperature
TA=Ambient Temperature
TS=Sink Temperature
Thermal Model:
3
Governing Equation:
Example:
This example demonstrates a worst case analysis for the buffer
output stage. This occurs when the output voltage is 1/2 the
power supply voltage. Under this condition, maximum power
transfer occurs and the output is under maximum stress.
Conditions:
VCC= ±12VDC
Vo= ±6Vp Sine Wave, Freq. = 1KHz
RL= 100Ω
For a worst case analysis we will treat the ±6Vp sine wave as
an 6 VDC output voltage.
1.) Find Driver Power Dissipation
PD= (Vcc-Vo) (Vo/RL)
= (12V-6V) (6V/100Ω)
= 360mW
2.) For conservative design, set TJ=+125°C Max.
3.) For this example, worst case TA=+80°C
4.) RΘJC = 55° C/W from MSK 0002H Data Sheet
5.) RΘCS = 0.15° C/W for most thermal greases
6.) Rearrange governing equation to solve for RΘSA
Typical Applications:
8548-79 Rev. C 10/12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com