Electronic Components Datasheet Search
  English  ▼

X  

MSK106RH Datasheet(PDF) 2 Page - Anaren Microwave

Part # MSK106RH
Description  RADIATION HARDENED HIGH POWER OP-AMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK106RH Datasheet(HTML) 2 Page - Anaren Microwave

  MSK106RH Datasheet HTML 1Page - Anaren Microwave MSK106RH Datasheet HTML 2Page - Anaren Microwave MSK106RH Datasheet HTML 3Page - Anaren Microwave MSK106RH Datasheet HTML 4Page - Anaren Microwave MSK106RH Datasheet HTML 5Page - Anaren Microwave MSK106RH Datasheet HTML 6Page - Anaren Microwave MSK106RH Datasheet HTML 7Page - Anaren Microwave MSK106RH Datasheet HTML 8Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8
2
8548-7 Rev. K 8/17
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL SPECIFICATIONS
±VCC Supply Voltage...................................................±22V
TST
Storage Temperature Range...........-65°C to +150°C
IOUT
Peak Output Current.............................................2A
TLD
Lead Temperature Range
VIN
Differential Input Voltage....................................±30V
(10 Seconds)...................................................300°C
VIN
Common mode Input Voltage............................±15V
TJ
Junction Temperature......................................150°C
RTH
Thermal Resistance.....................................6.0°C/W
TC
Case Operating Temperature Range
Junction to Case (@ 125°C)
MSK106K/H RH..............................-55°C to +125°C
MSK106RH.......................................-40°C to +85°C
NOTES:
1
Unless otherwise specified, ±VCC = ±15V, CC = 3000pF.
2
Guaranteed by design but not tested.
3
Typical parameters are representative of actual device performance but are for reference only.
4
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
5
Military grade devices (K/H suffix) shall be 100% tested to subgroups 1, 2, 3 and 4.
Subgroup 1, 4
TA = +25°C
2, 5
TA = +125°C
3, 6
TA = -55°C
6
Reference DLA SMD 5962R11228 for electrical specifications for devices purchased as such.
7
Subgroup 5 and 6 testing available upon request.
8
Continuous operation at or above absolute maximum ratings may adversly effect the device performance and/or life cylcle.
9
Pre and post irradiation limits at 25°C, up to 100Krad TID, are identical unless otherwise specified.
Parameter
Test Conditions 9
Group A
Subgroup
MSK106K/H RH
MSK106 RH
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
STATIC
Supply Voltage Range
2
-
±5
±15
±22
±5
±15
±22
V
Quiescent Current
VIN = 0V
1
-
±1.7
±3.5
-
±1.7
±4.0
mA
2,3
-
-
±7.5
-
-
-
mA
Power Consumption
2
VIN = 0V
1,2,3
-
75
225
-
75
225
mW
INPUT
Input Offset Voltage
VIN = 0V
1
-
±0.5
±3.0
-
±0.5
±5.0
mV
2, 3
-
±2.0
±5.0
-
-
-
mV
Input Bias Current
VCM = 0V
1
-
±100 ±500
-
±150 ±500
nA
Either Input
2, 3
-
±0.4
±2.0
-
-
-
µA
Input Offset Current
VCM = 0V
1
-
±2.0 ±100
-
±2.0 ±300
nA
2,3
-
-
±300
-
-
-
nA
Input Capacitance
3
F = DC
-
-
3
-
-
3
-
pF
Input Resistance
2
F = DC
-
0.3
1.0
-
0.3
1.0
-
MΩ
Common Mode Rejection Ratio
F = 10Hz VCM = ±10V
4
70
90
-
70
90
-
dB
5,6
70
90
-
-
-
-
dB
Power Supply Rejection Ratio
VCC = ±5V to ±15V
1
80
95
-
80
95
-
dB
2,3
80
-
-
-
-
-
dB
Input Noise Voltage
3
F = 10Hz to 10KHz
-
-
5
-
-
5
-
µVRMS
OUTPUT
Output Voltage Swing
RL =100Ω F =100Hz
4
±13.5 ±14
-
±13.0 ±14
-
V
5,6
±13.5 ±14
-
-
-
-
V
RL =10Ω F =100Hz
4
±11
±12
-
±10.5 ±12
-
V
Output Short Circuit Current
RSC = 0.5Ω VOUT = MAX
4
0.8
1.2
1.6
0.7
1.2
1.7
A
RSC = 5Ω VOUT = GND
4
50
150
250
50
150
250
mA
Settling Time
3
0.1% 2V step
-
-
4
-
-
4
-
µS
TRANSFER CHARACTERISTICS
Slew Rate
VOUT = ±10V RL = 10Ω
4
1.2
1.4
-
1.0
1.4
-
V/µS
Post Radiation
4
1.1
-
-
1.1
-
-
V/µS
Open Loop Voltage Gain
F = 10HZ RL = 1KΩ
4
100
105
-
100
105
-
dB
5,6
88
96
-
-
-
-
dB
Transition Times
1V to 2V P Rise and Fall
4
-
0.8
1.0
-
0.8
1.2
µS
Post Radiation
4
-
1.0
1.2
-
1.0
1.2
µS
Overshoot
0V to 1V P Small Signal
4
-
5
20
-
5
20
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com