Electronic Components Datasheet Search
  English  ▼

X  

MSK145 Datasheet(PDF) 3 Page - Anaren Microwave

Part # MSK145
Description  HIGH POWER OP-AMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK145 Datasheet(HTML) 3 Page - Anaren Microwave

  MSK145 Datasheet HTML 1Page - Anaren Microwave MSK145 Datasheet HTML 2Page - Anaren Microwave MSK145 Datasheet HTML 3Page - Anaren Microwave MSK145 Datasheet HTML 4Page - Anaren Microwave MSK145 Datasheet HTML 5Page - Anaren Microwave MSK145 Datasheet HTML 6Page - Anaren Microwave MSK145 Datasheet HTML 7Page - Anaren Microwave MSK145 Datasheet HTML 8Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HEAT SINKING
To select the correct heat sink for your application, refer to the
thermal model and governing equation below.
Thermal Model:
Governing Equation:
TJ = PD X (RθJC + RθCS + RθSA) + TA
Where
TJ
= Junction Temperature
PD
= Total Power Dissipation
RθJC
= Junction to Case Thermal Resistance
RθCS
= Case to Heat Sink Thermal Resistance
RθSA
= Heat Sink to Ambient Thermal Resistance
TC
= Case Temperature
TA
= Ambient Temperature
TS
= Sink Temperature
Example: (TO-3 PACKAGE)
In our example the amplifier application requires the output to
drive a 20 volt peak sine wave across a 5 ohm load for 4 amps of
output current. For a worst case analysis we will treat the 4 amps
peak output current as a D.C. output current. The power supplies
are ±35 VDC.
1.) Find Power Dissipation
PD = [(quiescent current) X (+VCC - (VCC))] + [(VS - VO) X IOUT]
= (30 mA) X (70V) + (15V) X (4A)
= 2.1W + 60W
= 62.1W
2.) For conservative design, set TJ = +150°C
3.) For this example, worst case TA = +25°C
4.) RθJC = 1.2°C/W typically for the TO-3 package
5.) RθCS = 0.15°C/W for most thermal greases
6.) Rearrange governing equation to solve for RθSA
RθSA
=(TJ - TA) / PD - (RθJC) - (RθCS)
= (150°C - 25°C) / 62.1W - (1.2°C/W) - (0.15°C/W)
= 0.66°C/W
The heat sink in this example must have a thermal resistance of
no more than 0.66°C/W to maintain a junction temperature of no
more than +150°C. Since this value of thermal resistance may be
difficult to find, other measures may have to be taken to decrease
the overall power dissipation.
APPLICATION NOTES
CURRENT LIMIT
The MSK541 has an on-board current limit scheme designed
to limit the output drivers anytime output current exceeds a
predetermined limit. The following formula may be used to de-
termine the value of the current limit resistance necessary to
establish the desired current limit.
RCL (OHMs) = (0.809 volts / current limit in amps) - 0.057 OHM
The 0.057 OHM term takes into account any wire bond and
lead resistance. Since the 0.809 volt term is obtained from the
base emitter voltage drop of a bipolar transistor, the equation
only holds true for operation at +25°C case temperature. The
effect that temperature has on current limit may be seen on the
Current Limit vs. Case Temperature Curve in the Typical Perfor-
mance Curves.
Current Limit Connection
See "Application Circuits" in this data sheet for additional
information on current limit connections.
POWER SUPPLY BYPASSING
Both the negative and the positive power supplies must be
effectively decoupled with a high and low frequency bypass
circuit to avoid power supply induced oscillation. An effective
decoupling scheme consists of a 0.1 microfarad ceramic ca-
pacitor in parallel with a 4.7 microfarad tantalum capacitor from
each power supply pin to ground. It is also a good practice
with very high power op-amps, such as the MSK541, to place
a 30-50 microfarad nonelectrolytic capacitor with a low effec-
tive series resistance in parallel with the other two power sup-
ply decoupling capacitors. This capacitor will eliminate any peak
output voltage clipping which may occur due to poor power
supply load regulation. All power supply decoupling capaci-
tors should be placed as close to the package power supply
pins as possible (pins 3 and 6 for the MSK541).
SAFE OPERATING AREA
The safe operating area curve is a graphical representation
of the power handling capability of the amplifier under various
conditions. The wire bond current carrying capability, transis-
tor junction temperature and secondary breakdown limitations
are all incorporated into the safe operating area curves. All ap-
plications should be checked against the S.O.A. curves to
ensure high M.T.B.F.
3
8548-29 Rev. L 6/14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com