Electronic Components Datasheet Search
  English  ▼

X  

MSK147 Datasheet(PDF) 2 Page - Anaren Microwave

Part # MSK147
Description  HIGH POWER OP-AMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK147 Datasheet(HTML) 2 Page - Anaren Microwave

  MSK147 Datasheet HTML 1Page - Anaren Microwave MSK147 Datasheet HTML 2Page - Anaren Microwave MSK147 Datasheet HTML 3Page - Anaren Microwave MSK147 Datasheet HTML 4Page - Anaren Microwave MSK147 Datasheet HTML 5Page - Anaren Microwave MSK147 Datasheet HTML 6Page - Anaren Microwave MSK147 Datasheet HTML 7Page - Anaren Microwave MSK147 Datasheet HTML 8Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Group A
Subgroup
-
1,2,3
1
2,3
1
2,3
1
2,3
-
-
-
-
-
4
5,6
4
5,6
-
4
4
4
5,6
-
-
STATIC
Supply Voltage Range
Quiescent Current
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Capacitance
Input Impedance
Common Mode Rejection Ratio
Power Supply Rejection Ratio
Input Noise Voltage
OUTPUT
Settling Time
Power Bandwidth
TRANSFER CHARACTERISTICS
Slew Rate
Max.
±40
-
±10
-
±100
-
30
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
2.2
1.5
Typ.
±35
±20
±1.0
±15
±4
±0.2
2.0
-
5
1012
113
90
10
±29
-
±8
-
2
50
10
100
-
1.9
1.0
Min.
±10
-
-
-
-
-
-
-
-
-
90
-
-
±28
-
±5
-
-
40
6
90
-
-
-
Max.
±40
±30
±1.5
±50
±50
±150
30
50
-
-
-
-
-
-
-
-
-
-
-
-
-
-
1.9
1.2
Typ.
±35
±20
±0.1
±15
±4
±0.2
2.0
-
5
1012
113
90
10
±29
±31
±8
-
2
55
10
100
-
1.2
1.0
Min.
±10
-
-
-
-
-
-
-
-
-
95
-
-
±28
±30
±5
±3.0
-
45
6
96
86
-
-
VIN = 0V
VIN = 0V
VIN = 0V
VCM = 0V
Either Input
F = DC
F = DC VCM = ±22V
VCC = ±10V to ±40V
F = 10 Hz to 1 KHz
RL = 5.6Ω F = 10 KHz
RL =10Ω
F = 10 KHz
RL = 5.6Ω F =10 KHz
RL = 10Ω F = 10 KHz
0.1% 2V step
RL = 10Ω VO = 20 VRMS
VOUT = ±10V RL = 10Ω
±VCC Supply Voltage
±40V
IOUT
Peak Output Current
See S.O.A.
VIN
Differential Input Voltage
±VCC
VIN
Common Mode Input Voltage
±VCC
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL SPECIFICATIONS
TST
Storage Temperature Range
-65° to +150°C
TLD
Lead Temperature Range
(10 Seconds)
300°
TJ
Junction Temperature
150°C
TC
Case Operating Temperature Range
Military Versions
-55°C to +125°C
Industrial Versions
-40°C to +85°C
Units
V
mA
mV
μV/°C
pA
nA
pA
nA
pF
Ω
dB
dB
μVRMS
V
V
A
A
μS
KHz
V/μS
dB
dB
°C/W
°C/W
Unless otherwise specified RCL = 0Ω, ±VCC = ±34 VDC
Electrical specifications are derated for power supply voltages other than ±34 VDC.
AV = -1, measured in false summing junction circuit.
Devices shall be capable of meeting the parameter, but need not be tested. Typical parameters are for reference only.
Industrial devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1, 2, 3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1, 4
TA =
TC = +25°C
Subgroup 2, 5
TA =
TC = +125°C
Subgroup 3, 6
TA =
TC =
-55°C
Reference DSCC SMD 5962-88701 for electrical specifications for devices purchased as such.
Continuous operation at or above maximum ratings may adversely effect the device performance and/or life cycle.
Internal solder reflow temperature is 180°C, do not exceed.
3
4
Military
Industrial
2
4
VCM=0V
Input Offset Current
Input Bias Current
Output Voltage Swing
Output Current
Open Loop Voltage Gain
F = 10 HZ RL = 10 KΩ
Parameter
Test Conditions
5
9
4
4
4
4
Thermal Resistance
(541)
All Others
1
2
3
4
5
6
7
8
9
10
11
NOTES:
10
11
2
8548-29 Rev. L 6/14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com