Electronic Components Datasheet Search
  English  ▼

X  

GWJCLPS2.CM Datasheet(PDF) 4 Page - OSRAM GmbH

Part # GWJCLPS2.CM
Description  DURIS E 3
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJCLPS2.CM Datasheet(HTML) 4 Page - OSRAM GmbH

  GWJCLPS2.CM Datasheet HTML 1Page - OSRAM GmbH GWJCLPS2.CM Datasheet HTML 2Page - OSRAM GmbH GWJCLPS2.CM Datasheet HTML 3Page - OSRAM GmbH GWJCLPS2.CM Datasheet HTML 4Page - OSRAM GmbH GWJCLPS2.CM Datasheet HTML 5Page - OSRAM GmbH GWJCLPS2.CM Datasheet HTML 6Page - OSRAM GmbH GWJCLPS2.CM Datasheet HTML 7Page - OSRAM GmbH GWJCLPS2.CM Datasheet HTML 8Page - OSRAM GmbH GWJCLPS2.CM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2017-08-03
4
Characteristics (TJ = 25 °C; IF = 65 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
120
°
Forward voltage
Durchlassspannung
(min.)
(typ.)
(max.)
VF
VF
VF
2.80
3.02
3.40
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Color rendering index
Farbwiedergabe Index
(2700K - 6500K)
(min.)
R
a
90
-
Real thermal resistance junction / solder point
Realer Wärmewiderstand Sperrschicht / Lötpad
(typ.)
(max.)
Rth JS real
Rth JS real
42.19
55.62
K/W
K/W
"Electrical" thermal resistance junction / solder point
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad
(with efficiency ηe = 44 %)
(typ.)
R
th JS el
24
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite
3) page 23
3) Seite 23
4) page 23
4) Seite 23
5) page 23
5) Seite 23
5) page 23
5) Seite 23
Version 1.1
GW JCLPS2.CM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com