Electronic Components Datasheet Search
  English  ▼

X  

PE91434 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91434
Description  SSMC Plug to SSMC Jack Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91434 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91434 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91434 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91434 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91434 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SSMC Plug Connector 1
• SSMC Jack Connector 2
• 50 Ohm
• Straight Body Geometry
Features
• Max VSWR of 1.25:1 up to 12 GHz
• SSMC interface compliant with MIL-STD-348
• Contact plating according to MIL-G-45204
• Gold Plated Beryllium Copper Contact
Applications
• Connector Saver
• General Purpose Test
.
Description
Pasternack’s PE91434 SSMC plug to SSMC jack adapter is part of our full line of RF components available for same-day
shipping. Our SSMC to SSMC adapter has a plug to jack gender configuration. PE91434 SSMC plug to SSMC jack adapter
operates to 12 GHz. The Pasternack RF adapter provides excellent VSWR of 1.25:1 maximum. The PE91434 Pasternack RF
adapter can also be used as a connector saver to extend equipment life.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12
GHz
VSWR
1.25:1
. .
Electrical Specification Notes:
Values at 25°C, sea level
Mechanical Specifications
Size
Length
0.57 in [14.48 mm]
Width
0.156 in [3.96 mm]
Weight
0.006 lbs [2.72 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Plug to SSMC Jack Adapter PE91434
PE91434 REV 1.0
SSMC Plug to SSMC Jack Adapter
PE91434
RF Adapters Technical Data Sheet


Similar Part No. - PE91434

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9143 PASTERNACK-PE9143 Datasheet
250Kb / 3P
SMA Female to SMB Jack Adapter
PE91432 PASTERNACK-PE91432 Datasheet
445Kb / 4P
SSMC Jack to SSMC Jack Bulkhead Mount Adapter
PE91433 PASTERNACK-PE91433 Datasheet
492Kb / 4P
SMA Female to SSMC Jack Adapter
PE91436 PASTERNACK-PE91436 Datasheet
442Kb / 4P
SSMC Plug to SSMC Plug Adapter
More results

Similar Description - PE91434

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91380 PASTERNACK-PE91380 Datasheet
364Kb / 4P
SMA Female to SSMC Plug Adapter
PE91432 PASTERNACK-PE91432 Datasheet
445Kb / 4P
SSMC Jack to SSMC Jack Bulkhead Mount Adapter
PE91433 PASTERNACK-PE91433 Datasheet
492Kb / 4P
SMA Female to SSMC Jack Adapter
PE91436 PASTERNACK-PE91436 Datasheet
442Kb / 4P
SSMC Plug to SSMC Plug Adapter
PE3C4388 PASTERNACK-PE3C4388 Datasheet
455Kb / 5P
SSMC Plug to SSMC Plug Cable Using RG178 Coax
PE3C4389 PASTERNACK-PE3C4389 Datasheet
463Kb / 5P
SSMC Plug to SSMC Jack Bulkhead Cable Using RG178 Coax
PE3C4389-24 PASTERNACK-PE3C4389-24 Datasheet
462Kb / 5P
SSMC Plug to SSMC Jack Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C4390 PASTERNACK-PE3C4390 Datasheet
465Kb / 5P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable Using RG178 Coax
PE3C4403 PASTERNACK-PE3C4403 Datasheet
454Kb / 5P
SSMC Plug to SSMC Plug Cable Using RG316 Coax
PE3C4442 PASTERNACK-PE3C4442 Datasheet
483Kb / 5P
SSMC Plug to SSMC Jack Bulkhead Cable Using PE-SR405FLJ Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com