Electronic Components Datasheet Search
  English  ▼

X  

GWT3LPF1.EM Datasheet(PDF) 10 Page - OSRAM GmbH

Part # GWT3LPF1.EM
Description  Omnidirectional retrofits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWT3LPF1.EM Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button GWT3LPF1.EM Datasheet HTML 6Page - OSRAM GmbH GWT3LPF1.EM Datasheet HTML 7Page - OSRAM GmbH GWT3LPF1.EM Datasheet HTML 8Page - OSRAM GmbH GWT3LPF1.EM Datasheet HTML 9Page - OSRAM GmbH GWT3LPF1.EM Datasheet HTML 10Page - OSRAM GmbH GWT3LPF1.EM Datasheet HTML 11Page - OSRAM GmbH GWT3LPF1.EM Datasheet HTML 12Page - OSRAM GmbH GWT3LPF1.EM Datasheet HTML 13Page - OSRAM GmbH GWT3LPF1.EM Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Version 2.0
GW T3LPF1.EM
ΔVF = VF - VF(25 °C) = f(Tj); IF = 10 mA
ΦV/ΦV(25 °C) = f(Tj); IF = 10 mA
ΔCx, ΔCy = f(Tj); IF = 10 mA
GW T3LPF1.EM
-40 -20 0 20 40 60 80 100 120 140
Tj [°C]
-4
-2
0
2
∆
VF [V]
GW T3LPF1.EM
-40 -20 0 20 40 60 80 100 120 140
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φv
Φv(85°C)
GW T3LPF1.EM
-40 -20 0 20 40 60 80 100 120 140
Tj [°C]
-0,06
-0,04
-0,02
0,00
0,02
0,04
0,06
∆
Cx
∆
Cy
: Cx
: Cy
Relative Forward Voltage 3) page 19
Relative Vorwärtsspannung 3) Seite 19
Relative Luminous Flux 3) page 19
Relativer Lichtstrom 3) Seite 19
Chromaticity Coordinate Shift 3) page 19
Farbortverschiebung 3) Seite 19
2018-02-05
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com