Electronic Components Datasheet Search
  English  ▼

X  

PEM010 Datasheet(PDF) 12 Page - Pasternack Enterprises, Inc.

Part # PEM010
Description  60 GHz Transmitter (Tx) Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM010 Datasheet(HTML) 12 Page - Pasternack Enterprises, Inc.

Back Button PEM010 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 9Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 10Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 11Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 12Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 13Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 14Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 15Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 16Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TECHNICAL DATA SHEET
PEM010
60 GHz Transmitter (Tx) Waveguide Module
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Transmitter (Tx) Waveguide Module PEM010
12
Table 4.2 Register Byte Functions
Table 4.2 Register Byte Functions
Bit
Name
BYTE 3
7
6
5
4
3
2
1
0
Reserved: bits <3:0> = 1111 for normal operation
BYTE 4
Function
7
6
5
4
3
2
1
0
BYTE 5
7
6
5
4
3
2
1
0
Reserved: bits <7:4> = 0001 for normal operation
fdb_7
fdb_6
fdb_5
fdb_4
fdb_3
fdb_2
fdb_1
fdb_0
pa_sel_vref_3
pa_sel_vref_2
pa_sel_vref_1
pa_sel_vref_0
PA output transistors bias current; bits <7:4> = 0011 for normal operation
driver_bias_2
driver_bias_1
driver_bias_0
PA predriver bias current; bits <3:1> = 111 for normal operation
driver_bias2_2
PA predriver2 bias current; bit <0> = 1 for normal operation
not used
Not used; bits <7:4> = xxxx
not used
not used
not used
bg_monitor_set
if_refsel
Reserved: bits <3:2> = 01 for normal operation
enable_fm
Active high to enable FM/MSK modulator inputs; bit <1> = 0 for normal I/Q
not used
Not used; bit <0> = x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com