Electronic Components Datasheet Search
  English  ▼

X  

DS113 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # DS113
Description  Best punch and easy integration
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS113 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  DS113 Datasheet HTML 1Page - Lumileds Lighting Company DS113 Datasheet HTML 2Page - Lumileds Lighting Company DS113 Datasheet HTML 3Page - Lumileds Lighting Company DS113 Datasheet HTML 4Page - Lumileds Lighting Company DS113 Datasheet HTML 5Page - Lumileds Lighting Company DS113 Datasheet HTML 6Page - Lumileds Lighting Company DS113 Datasheet HTML 7Page - Lumileds Lighting Company DS113 Datasheet HTML 8Page - Lumileds Lighting Company DS113 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS113 LUXEON S Product Datasheet 20180401 ©2018 Lumileds Holding B.V. All rights reserved.
2
General Information
Product Nomenclature
LUXEON S2000/3000/5000 is tested and binned hot at T
j = 85ºC and 700mA DC.
The part number designation is explained as follows:
L X S A – B C D D – 0 0 E E (F)
Where:
A
—
designates minimum CRI (value 0 for Royal Blue, value 7 for 70, 8 for 80 and 9 for 90)
B
—
designates radiation pattern (value P for Lambertian)
C
—
designates color (W for White and R for Royal Blue)
DD —
designates nominal CCT (00 for Royal Blue, 27 for 2700K, 30 for 3000K, 35 for 3500K, 40 for 4000K, 50 for
5000K and 57 for 5700K)
EE
—
designates product configuration by total LED count (17 for S2000, 24 for S3000 and 41 for S5000)
F
—
designates product connector configuration (N for no connectors, left empty with no notation for parts
with connectors)
Therefore 3000K, 80 CRI LUXEON S2000 with connector will be:
L X S 8 – P W 3 0 – 0 0 1 7
Therefore 5700K, 70CRI LUXEON S5000 with no connector will be:
L X S 7 - P W 5 7 - 0 0 4 1 N
Therefore Royal Blue LUXEON S3000 with connector will be:
L X S 0 - P R 0 0 - 0 0 2 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com