Electronic Components Datasheet Search
  English  ▼

X  

GS9028 Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS9028
Description  Cable Driver with Two Adjustable Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9028 Datasheet(HTML) 5 Page - Gennum Corporation

  GS9028 Datasheet HTML 1Page - Gennum Corporation GS9028 Datasheet HTML 2Page - Gennum Corporation GS9028 Datasheet HTML 3Page - Gennum Corporation GS9028 Datasheet HTML 4Page - Gennum Corporation GS9028 Datasheet HTML 5Page - Gennum Corporation GS9028 Datasheet HTML 6Page - Gennum Corporation GS9028 Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
521 - 68 - 04
5
DETAILED DESCRIPTION
INPUT INTERFACING
SDI/SDI are high impedance differential
inputs. Two
conditions must be observed when interfacing to these
inputs:
1. The input signal amplitude must be between 80mV and
1000mV.
2. The common mode voltage range must be as specified
in the DC Characteristics Table (page 2). For 800mV
input amplitude signals, this corresponds to a common
mode voltage range between 2.8 and 4.6 volts.
Figures 6 and 7 illustrate two methods of interfacing the
GS9028 to the Gennum GS9024 (Cable Equalizer), GS9035
(Reclocker) or the GS9025 (Receiver).
Figure
6
illustrates
the
simplest
interface
and
is
recommended when the trace lengths between the driver
and the GS9028 are less than 0.5in. The pull up resistors
should be placed near the GS9028 to serve as end
terminations.
Fig. 6
When trace lengths become longer than 0.5in and data
rates greater than 360Mb/s, electromagnetic reflections
begin to affect signal integrity. To minimize reflections,
controlled
impedance
traces
and
source
and
end
terminations should be used as shown in Figure 7. Although
terminations on both sides reduce the signal swing by a
factor of two, the GS9028 is designed to meet this need
with ultra low input amplitude requirements (as low as
80mV). This low input amplitude requirement also allows the
use of 50
Ω transmission lines (which are more robust and
easier to control in multilayer boards) to interconnect the
GS9024/25/35 and the GS9028.
Fig. 7
The GS9028 can also be configured to accept ac coupled
input signals. In this case, the inputs must be dc biased as
illustrated in Figure 8.
Fig. 8
The recommended values for R1 and R2 are:
R1 = 1.35ZO
R2 = 3.85ZO
where ZO is the transmission line characteristic impedance.
For 75
Ω cable, R1 = 100Ω and R2 = 287Ω.
OUTPUT INTERFACING
Figure 9 illustrates the recommended interface for ac
coupled outputs.
Fig. 9
GS9024 or
GS9035 or
GS9025
GS9028
75
Ω
75
Ω
10nF
VCC
+
_
+
_
GS9024 or
GS9035 or
GS9025
GS9028
+
_
+
_
VCC
75
Ω
100nF
10nF
75
Ω 75Ω
75
Ω
R1
R1
10nF
1µF
1µF
R2
R2
VCC
GS9028
+
_
RT
GS9028
R
RT = R = ZO
GS9028
R
L
L
RT
VCC
+
_
10nF
1µF
1µF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com