Electronic Components Datasheet Search
  English  ▼

X  

PE3C4000 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C4000
Description  Handheld RF Analyzer Rugged Phase Stable Cable N Male to 7/16 DIN Male Cable Using PE-FF430 Coax, RoHS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4000 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C4000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3C4000 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
3
7
GHz
Insertion Loss (Max.)
0.12
0.22
0.35
dB/ft
0.39
0.72
1.15
dB/m
dB/m
Power Handling (Max.)
522
277
190
Watts
.
Electrical Specification Notes:
Values at 25°C, sea level.
Mechanical Specifications
Cable Assembly
.
Cable
Cable Type
PE-FF430
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
6
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Metalized Polymide
Shield Layer 3
Silver Plated Copper Braid
Jacket Material
TPE
Jacket Diameter
0.43 in [10.92 mm]
.
One Time Minimum Bend Radius
1.5 in [38.1 mm]
Flat Plate Crush
1,200 lbs/in [21.43 Kg/mm]
Connectors
Description
Connector 1
Connector 2
Type
N Male
7/16 DIN Male
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Dielectric Type
PTFE
PTFE
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Coupling Nut Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
PE3C4000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Handheld RF Analyzer Rugged Phase Stable Cable N Male to 7/16 DIN Male Cable Using
PE-FF430 Coax, RoHS PE3C4000
RF Cable Assemblies Technical Data Sheet
PE3C4000
Handheld RF Analyzer Rugged Phase Stable Cable N Male
to 7/16 DIN Male Cable Using PE-FF430 Coax, RoHS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com