Electronic Components Datasheet Search
  English  ▼

X  

DS133 Datasheet(PDF) 10 Page - Lumileds Lighting Company

Part # DS133
Description  Extreme efficacy and best performance
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS133 Datasheet(HTML) 10 Page - Lumileds Lighting Company

Back Button DS133 Datasheet HTML 6Page - Lumileds Lighting Company DS133 Datasheet HTML 7Page - Lumileds Lighting Company DS133 Datasheet HTML 8Page - Lumileds Lighting Company DS133 Datasheet HTML 9Page - Lumileds Lighting Company DS133 Datasheet HTML 10Page - Lumileds Lighting Company DS133 Datasheet HTML 11Page - Lumileds Lighting Company DS133 Datasheet HTML 12Page - Lumileds Lighting Company DS133 Datasheet HTML 13Page - Lumileds Lighting Company DS133 Datasheet HTML 14Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DS133 LUXEON TX Product Datasheet 20170114 ©2017 Lumileds Holding B.V. All rights reserved.
9
Product Bin and Labeling Definitions
Decoding Product Bin Labeling
In the manufacturing of semiconductor products, there are variations in performance around the average values given in the
technical datasheet. For this reason, Lumileds bins LED components for luminous flux or radiometric power, color point, peak or
dominant wavelength and forward voltage.
LUXEON TX LEDs are labeled using a 4-digit alphanumeric CAT code following the format below:
A B C D
A
–
designates luminous flux bin (example: M=210 to 220 lumens, R=250 to 260 lumens)
B
–
designates correlated color temperature bin (1=6500K, 2=5700K, 3=5000K, 5=4000K, 6=3500K,
7=3000K, 8=2700K)
C
–
designates SDCM bin (3=3-step MacAdam ellipse, 5=5-step MacAdam ellipse)
D
–
designates forward voltage bin (example: P=2.50 to 2.75V, R=2.75 to 3.00V)
Therefore, a LUXEON TX with a lumen range of 210 to 220, color bin of 7 for 3000K parts, 3-step MacAdam ellipse 80CRI and a
forward voltage range of 2.50 to 2.75 has the following CAT code:
M 7 3 P
Luminous Flux Bins
Table 5 lists the standard luminous flux bins for LUXEON TX emitters. Although several bins are outlined, product availability in a
particular bin varies by production run and by product performance. Not all bins are available in all CCTs.
Table 5. Luminous flux bin definition for LUXEON TX.
BIn
lumInous FluX [1] (lm)
mInImum
maXImum
G
160
170
H
170
180
J
180
190
K
190
200
L
200
210
M
210
220
N
220
230
P
230
240
Q
240
250
R
250
260
S
260
270
T
270
280
U
280
290
V
290
300
W
300
310
Notes for Table 5:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com