Electronic Components Datasheet Search
  English  ▼

X  

LMZ7-SW30 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # LMZ7-SW30
Description  Best combination of brightness, uniformity and luminance enabling precision light control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LMZ7-SW30 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  LMZ7-SW30 Datasheet HTML 1Page - Lumileds Lighting Company LMZ7-SW30 Datasheet HTML 2Page - Lumileds Lighting Company LMZ7-SW30 Datasheet HTML 3Page - Lumileds Lighting Company LMZ7-SW30 Datasheet HTML 4Page - Lumileds Lighting Company LMZ7-SW30 Datasheet HTML 5Page - Lumileds Lighting Company LMZ7-SW30 Datasheet HTML 6Page - Lumileds Lighting Company LMZ7-SW30 Datasheet HTML 7Page - Lumileds Lighting Company LMZ7-SW30 Datasheet HTML 8Page - Lumileds Lighting Company LMZ7-SW30 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ILLUMINATION
DS136 LUXEON MZ Product Datasheet ©2015 Lumileds Holding B.V. All rights reserved.
RoHS
COMPLIANT
No. E352519
LUXEON MZ is an undomed multi-die LED designed to enable outdoor and
industrial applications with all of the features of LUXEON M including the
identical solder footprint, but allowing for tighter beam control and higher
punch due to a smaller apparent source size. With Freedom from Binning
and leading performance, LUXEON MZ falls within a single 3- or 5-step
MacAdam ellipse centered in ANSI to ensure color consistency from LED
to LED, delivering high efficacy and high flux density from a uniform source
with tight correlated color temperature control. The superior quality of
light, volume of lumens, and real world efficacy enable leading performance
and efficient solution development in a wide variety of lighting segments.
LUXEON MZ
Best combination of brightness, uniformity
and luminance enabling precision light control
FEATURES AND BENEFITS
PRIMARY APPLICATIONS
Undomed package for improved punch and exceptional luminance
High Bay & Low Bay
Common footprint as LUXEON M for compatibility with existing designs
Lamps
Industry leading 11.2V package delivers exceptional efficacy
Outdoor
Leading thermal resistance enables flexible system design to optimize for
lm/$ and lm/W
Specialty Lighting
Exceeds ENERGY STAR® lumen maintenance requirements
Spotlights


Similar Part No. - LMZ7-SW30

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LMZ7-SW30 LUMILEDS-LMZ7-SW30 Datasheet
1Mb / 2P
Best combination of brightness, uniformity and luminance enabling precision light control
More results

Similar Description - LMZ7-SW30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TDA2560 FAIRCHILD-TDA2560 Datasheet
442Kb / 8P
LUMINANCE AND CHROMINANCE CONTROL COMBINATION
TBA560C FAIRCHILD-TBA560C Datasheet
334Kb / 5P
LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
National Semiconductor ...
TBA560C NSC-TBA560C Datasheet
294Kb / 4P
LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
List of Unclassifed Man...
TBA560C ETC1-TBA560C Datasheet
252Kb / 4P
LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
NXP Semiconductors
TCA660B PHILIPS-TCA660B Datasheet
391Kb / 9P
CONTRAST, SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS
November 1976
logo
Lumileds Lighting Compa...
LMZ7-SW40 LUMILEDS-LMZ7-SW40 Datasheet
2Mb / 18P
Best combination of brightness, uniformity and luminance enabling precision light control
LHC1-3590-1203 LUMILEDS-LHC1-3590-1203 Datasheet
3Mb / 23P
High-efficacy LED with a small light emitting surface and greater uniformity of light
PB136 LUMILEDS-PB136 Datasheet
1Mb / 2P
Best combination of brightness, uniformity and luminance enabling precision light control
logo
Ledil, Inc.
CA13837 LEDIL-CA13837 Datasheet
4Mb / 5P
Universal road lighting beam with excellent mixed illuminance and luminance uniformity.
C14165 LEDIL-C14165 Datasheet
4Mb / 17P
Beam with excellent longitudinal luminance uniformity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com