Electronic Components Datasheet Search
  English  ▼

X  

TCM1-63AX Datasheet(PDF) 1 Page - Mini-Circuits

Part # TCM1-63AX
Description  RF Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TCM1-63AX Datasheet(HTML) 1 Page - Mini-Circuits

  TCM1-63AX Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
50
Ω
10 to 6000 MHz
RFTransformer
Surface Mount
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
PRIMARY DOT
3
PRIMARY
2
SECONDARY DOT
6
SECONDARY
4
GND
2
NOT USED
1, 5
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
0.2W
DC Current
30mA
REV. A
M152121
TCM1-63AX+
ED-15043/5
DJ/CP/AM
150728
CASE STYLE: DB1627
Outline Drawing
Config. K
Permanent damage may occur if any of these limits are exceeded.
TCM1-63AX+
Features
• ultra wide bandwidth 10 to 6000 MHz
• one model covers all telecommunication bands
• flat insertion loss
• good return loss
• aqueous washable
• protected by US Patent 9,071,229 B1
Applications
• differential modulator/demodulator and active mixers
• wideband push-pull amplifiers
• LTE, Cellular, PCS, UMTS, WiFi, WiMAX
Typical Performance Data
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
AMPLITUDE
UNBALANCE
(dB)
PHASE
UNBALANCE
(deg.)
TCM1-63AX+
AMPLITUDE UNBALANCE
0.0
0.4
0.8
1.2
1.6
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
TCM1-63AX+
INPUT RETURN LOSS
5
10
15
20
25
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
TCM1-63AX+
INSERTION LOSS
1.0
1.4
1.8
2.2
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
TCM1-63AX+
PHASE UNBALANCE
0
5
10
15
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
Electrical Specifications at 25°C
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Impedance Ratio
1
Frequency Range
10
6000
MHz
Insertion Loss
10-6000
—
1.3
2.5
dB
Amplitude Unbalance
10-6000
—
0.5
—
dB
Phase Unbalance
10-6000
—
8
—
Degree
A
BC
D
E
F
.160
.150
.160
.050
.040
.025
4.06
3.81
4.06
1.27
1.02
0.64
GH
J
K
wt
.028
.065
.190
.030
grams
0.71
1.65
4.83
0.76
0.15
10
1.70
14.78
0.06
1.15
100
1.65
16.28
0.07
1.32
500
1.57
16.68
0.26
5.05
1000
1.40
16.90
0.46
8.03
1500
1.29
15.98
0.52
9.87
2000
1.29
13.74
0.57
10.96
3000
1.49
9.42
0.36
10.99
4000
1.20
11.09
0.28
8.84
5000
1.16
13.40
0.96
5.19
6000
1.80
10.73
1.39
0.57
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
top hat
®
Demo Board MCL P/N: TB-654+
Suggested PCB Layout (PL-364)
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500
13”
1000, 2000
Total thickness: .013 inches MAX.
Suggested Layout,
Tolerance to be within .002
PCB Land Pattern


Similar Part No. - TCM1-63AX

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCM1-1 MINI-TCM1-1 Datasheet
340Kb / 2P
RF Transformer
REV. D
TCM1-1+ MINI-TCM1-1+ Datasheet
340Kb / 2P
RF Transformer
REV. D
TCM1-1X MINI-TCM1-1X Datasheet
460Kb / 2P
RF Transformer
REV. B
TCM1-1X+ MINI-TCM1-1X+ Datasheet
460Kb / 2P
RF Transformer
REV. B
TCM1-382WX+ MINI-TCM1-382WX+ Datasheet
559Kb / 4P
RF Transformer
REV. OR
More results

Similar Description - TCM1-63AX

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
RF Transformer
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
RF Transformer
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
RF TRANSFORMER
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
RF TRANSFORMER
logo
XFMRS Inc.
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XF458PT-1720 XFMRS-XF458PT-1720 Datasheet
37Kb / 1P
RF TRANSFORMER
XFWB1010 XFMRS-XFWB1010 Datasheet
38Kb / 1P
RF TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com