Electronic Components Datasheet Search
  English  ▼

X  

IR21592 Datasheet(PDF) 3 Page - International Rectifier

Part # IR21592
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21592 Datasheet(HTML) 3 Page - International Rectifier

  IR21592 Datasheet HTML 1Page - International Rectifier IR21592 Datasheet HTML 2Page - International Rectifier IR21592 Datasheet HTML 3Page - International Rectifier IR21592 Datasheet HTML 4Page - International Rectifier IR21592 Datasheet HTML 5Page - International Rectifier IR21592 Datasheet HTML 6Page - International Rectifier IR21592 Datasheet HTML 7Page - International Rectifier IR21592 Datasheet HTML 8Page - International Rectifier IR21592 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
IR21592/IR21593(S)
www.irf.com
3
Note 2:
Enough current should be supplied into the VCC lead to keep the internal 15.6V zener clamp diode on this lead
regulating its voltage, VCLAMP.
Note 3:
The MAX lead is a voltage-controlled current source. For optimum dim interface current mirror performance,
this current should be kept between 0 and 750
µA.
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Symbol
Definition
Min.
Max.
Units
VBS
High side floating supply voltage
VCC - 0.7
VCLAMP
VS
Steady state high side floating supply offset voltage
-1
600
VCC
Supply voltage
VCCUV+
VCLAMP (15.6)
ICC
Supply current
note 2
10
mA
VVCO
VCO pin voltage
05
VDIM
DIM pin voltage
0.5
5.0
VMAX
MAX pin current (note 3)
-750
0
µA
VMIN
MIN pin voltage
1
3
VBSMIN
Minimum required VBS voltage for proper HO functionality
—
5
RFMIN
Minimum frequency setting resistance
10
100
k
Ω
ISD
Shutdown pin current
-1
1
ICS
Current sensing pin current
-1
1
TJ
Junction temperature
-40
125
oC
V
V
mA
Electrical Characteristics
VCC = VBS = VBIAS = 14V +/- 0.25V, VCS = 0.5V, VSD = 0.0V, RFMIN = 40k, CVCO = 10 nF, VDIM = 0.0V, RMAX = 33k,
RMIN = 56k, VCPH = 0.0V, CLO,HO = 1000pF, TA = 25
oC unless otherwise specified.
Supply Characteristics
VCCUV+
VCC supply undervoltage positive going
12.0
12.5
13.0
threshold
VCCHYS
VCC supply undervoltage lockout hysteresis
1.5
1.6
1.7
IQCCUV
UVLO mode quiescent current
70
200
330
VCC = 10V
IQCCFLT
Fault-mode quiescent current
—
240
—
SD=5V, CS=2V, or
Tj > TSD
ICCFMIN
VCC supply current @ FMIN (IR21592)
—
5.6
—
VVCO = 0V
ICCFMAX
VCC supply current @ FMAX (IR21592)
—
6.0
—
VVCO = 5V
ICCFMIN
VCC supply current @ FMIN (IR21593)
—
5.4
—
VVCO = 0V
ICCFMAX
VCC supply current @ FMAX (IR21593)
—
6.8
—
VVCO = 5V
VCLAMP
VCC zener shunt clamp voltage
14.5
15.6
16.5
V
ICC = 10mA
Symbol
Definition
Min.
Typ.
Max.
Units
Test Conditions
µA
V
mA
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com