Electronic Components Datasheet Search
  English  ▼

X  

IRF7406 Datasheet(PDF) 9 Page - International Rectifier

Part # IRF7406
Description  HEXFET POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7406 Datasheet(HTML) 9 Page - International Rectifier

  IRF7406 Datasheet HTML 1Page - International Rectifier IRF7406 Datasheet HTML 2Page - International Rectifier IRF7406 Datasheet HTML 3Page - International Rectifier IRF7406 Datasheet HTML 4Page - International Rectifier IRF7406 Datasheet HTML 5Page - International Rectifier IRF7406 Datasheet HTML 6Page - International Rectifier IRF7406 Datasheet HTML 7Page - International Rectifier IRF7406 Datasheet HTML 8Page - International Rectifier IRF7406 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRF7406
www.irf.com
9
Tape & Reel Information
SO-8
Dimensions are shown in millimeters (inches)
4.10 (.161)
3.90 (.154)
1.60 (.062)
1.50 (.059)
1.85 (.072)
1.65 (.065)
5.30 (.208)
5.10 (.201)
5.55 (.218)
5.45 (.215)
2.60 (.102)
1.50 (.059)
6.50 (.255)
6.30 (.248)
8.10 (.318)
7.90 (.311)
FEED DIRECTION
TERMINATION
NUMBER 1
2.05 (.080)
1.95 (.077)
0.35 (.013)
0.25 (.010)
12.30 (.484)
11.70 (.461)
2.20 (.086)
2.00 (.079)
15.40 (.607)
11.90 (.469)
2
50.00
(1.969)
MIN.
18.40 (.724)
MAX 3
14.40 (.566)
12.40 (.448)
3
330.00
(13.000)
MAX.
13.20 (.519)
12.80 (.504)
NOTES:
1 CONFORMS TO EIA-481-1
2 INCLUDES FLANGE DISTORTION @ OUTER EDGE
3 DIMENSIONS MEASURED @ HUB
4 CONTROLLING DIMENSION : METRIC
1
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 06/03



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com