Electronic Components Datasheet Search
  English  ▼

X  

MADM Datasheet(PDF) 2 Page - Schurter Inc.

Part # MADM
Description  Special Fuse, 14.3 x 51 mm, 500 VAC, 250 VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MADM Datasheet(HTML) 2 Page - Schurter Inc.

  MADM Datasheet HTML 1Page - Schurter Inc. MADM Datasheet HTML 2Page - Schurter Inc. MADM Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Fuses
MADM
https://www.schurter.com /PG01_2
Fuses
Dimension [mm]
51 mm
13
8.5
6.5
51
+1.6
5
±0.5
+0.2
+0
+1.0
120˚
Pre-Arcing Time
Rated Current In
4.0 x In min.
6.3 x In max.
8.0 x In min.
10.0 x In min. 12.5 x In max. 25.0 x In max. 50.0 x In max.
1 A - 25 A
60 s
60 s
500 ms
200 ms
500 ms
40 ms
9 ms
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
12.5 A I
n max. 0.5 s
25.0 A I
n max. 0.04 s
50.0 A I
n max. 0.009 s
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Order Number
1
500
250
1)
110
l
7020.9110
1.6
500
250
1)
80
l
7020.9120
2.5
500
250
1)
70
l
7020.9130
5
500
250
1)
75
l
7020.9140
8
500
250
1)
70
l
7020.9150
12.5
500
250
1)
70
l
7020.9160



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com