Electronic Components Datasheet Search
  English  ▼

X  

IXFH22N55 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFH22N55
Description  HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH22N55 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFH22N55 Datasheet HTML 1Page - IXYS Corporation IXFH22N55 Datasheet HTML 2Page - IXYS Corporation IXFH22N55 Datasheet HTML 3Page - IXYS Corporation IXFH22N55 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
IXFH 22N55
Fig.7 Gate Charge Characteristic Curve
Fig.8 Forward Bias Safe Operating Area
Fig.9 Capacitance Curves
Fig.10 Source Current vs. Source
to Drain Voltage
Fig.11 Transient Thermal Impedance
V
DS - Volts
110
100
0.1
1
10
100
Gate Charge - nCoulombs
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
7
8
9
10
V
SD - Volts
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0
10
20
30
40
50
60
70
80
V
CE - Volts
0
5
10
15
20
25
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Pulse Width - Seconds
0.00001
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
600
D=0.5
C
rss
C
oss
C
iss
V
DS = 300V
I
D = 22A
I
G = 10mA
Limited by R
DS(on)
Single Pulse
T
J = 125°C
T
J = 25°C
D=0.2
D=0.01
D=0.02
D=0.05
D=0.1
f = 1 Mhz
V
DS = 25V
10µs
100µs
1ms
10ms
100ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com