Electronic Components Datasheet Search
  English  ▼

X  

TPS25221DRVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25221DRVT
Description  2.5-V to 5.5-V, 2-A Continuous Current Limited Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25221DRVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS25221DRVT Datasheet HTML 9Page - Texas Instruments TPS25221DRVT Datasheet HTML 10Page - Texas Instruments TPS25221DRVT Datasheet HTML 11Page - Texas Instruments TPS25221DRVT Datasheet HTML 12Page - Texas Instruments TPS25221DRVT Datasheet HTML 13Page - Texas Instruments TPS25221DRVT Datasheet HTML 14Page - Texas Instruments TPS25221DRVT Datasheet HTML 15Page - Texas Instruments TPS25221DRVT Datasheet HTML 16Page - Texas Instruments TPS25221DRVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
TPS25221
www.ti.com
SLVSDT3 – JANUARY 2018
Product Folder Links: TPS25221
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
10.1.1 Constant-Current
The TPS25221 operates identically during normal operation, that is, the load current is less than the current-limit
threshold and the devices are not limiting current. During normal operation, The TPS25221 load current is less
than the current-limit threshold and the devices are not limiting current. During normal operation the N-channel
MOSFET is fully enhanced, and VOUT = VIN - (IOUT x rDS(on)). The voltage drop across the MOSFET is relatively
small compared to VIN, and VOUT ≉ VIN.
The TPS25221 operates identically during the initial onset of an overcurrent event. The TPS25221 limits current
to the programmed current-limit threshold set to RILIM by operating the N-channel MOSFET in the linear mode.
During current-limit operation, the N-channel MOSFET is no longer fully-enhanced and the resistance of the
device increases. This allows the device to effectively regulate the current to the current-limit threshold. The
effect of increasing the resistance of the MOSFET is that the voltage drop across the device is no longer
negligible (VIN ≠ VOUT), and VOUT decreases. The amount that VOUT decreases is proportional to the magnitude of
the overload condition. The expected VOUT can be calculated by:
IOS × RLOAD
where:
IOS is the current-limit threshold and RLOAD is the magnitude of the overload condition.
(2)
For example, if IOS is programmed to 1 A and a 1-Ω overload condition is applied, the resulting VOUT is 1 V.
The TPS25221 operates identically during the initial onset of an overcurrent event, it behaves differently if the
overcurrent event lasts longer than the internal delay de-glitch circuit (8 ms typical). The TPS25221 asserts the
FAULT flag after the deglitch period and continue to regulate the current to the current-limit threshold indefinitely.
In practical circuits, the power dissipation in the package increases the die temperature above the thermal
shutdown current limit threshold (145°C typical), and the device turns off until the die temperature decreases by
the hysteresis of the thermal shutdown circuit (20°C typical). The device turns on and continues to thermal cycle
until the overload condition is removed. The constant-current device resumes normal operation once the
overload condition is removed.
10.2 Typical Applications
10.2.1 Two-Level Current-Limit Circuit
Some applications require different current-limit thresholds depending on external system conditions. Figure 20
shows an implementation for an externally controlled, two-level current-limit circuit. The current-limit threshold is
set by the total resistance from ILIM to GND (see the Programming the Current-Limit Threshold section). A logic-
level input enables or disables MOSFET Q1 and changes the current-limit threshold by modifying the total
resistance from ILIM to GND. Additional MOSFET and resistor combinations can be used in parallel to Q1/R2 to
increase the number of additional current-limit levels.
NOTE
ILIM must never be driven directly with an external signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com