Electronic Components Datasheet Search
  English  ▼

X  

1N5802 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N5802
Description  ULTRA FAST MILITARY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5802 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N5802 Datasheet HTML 1Page - Microsemi Corporation 1N5802 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VOIDLESS-HERMETICALLY-SEALED
ULTRAFAST RECOVERY GLASS
RECTIFIERS
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2004
7-16-2004 REV A
SCOTTSD A L E DIVISION
1N5802 thru 1N5806
SYMBOLS & DEFINITIONS
Symbol
Definition
VBR
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current
VRWM
Working Peak Reverse Voltage: The maximum peak voltage that can be applied over the operating temperature
range
IO
Average Rectified Output Current: Output Current Averaged over a full cycle with a 50 Hz or 60 Hz sine-wave
input and a 180 degree conduction angle
VF
Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current
IR
Maximum Leakage Current: The maximum leakage current that will flow at the specified voltage and temperature
C
Capacitance: The capacitance in pF at a frequency of 1 MHz and specified voltage
trr
Reverse Recovery Time: The time interval between the instant the current passes through zero when changing
from the forward direction to the reverse direction and a specified recovery decay point after a peak reverse
current occurs.
GRAPHS
FIGURE 1
OUTPUT CURRENT vs. LEAD TEMP.
PACKAGE DIMENSIONS inches/[mm]
NOTE: Lead tolerance = +0.002/-0.003 inches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com