Electronic Components Datasheet Search
  English  ▼

X  

0322 Datasheet(PDF) 2 Page - Lumberg

Part # 0322
Description  Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

0322 Datasheet(HTML) 2 Page - Lumberg

  0322 Datasheet HTML 1Page - Lumberg 0322 Datasheet HTML 2Page - Lumberg 0322 Datasheet HTML 3Page - Lumberg 0322 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
03 031798-2
01/2018
2
Environmental conditions
Temperature range
-40 °C/+85 °C
Materials
Insulating body
PA, V-2 according to UL94
Contact pin
CuZn, silver-plated and flash gold-
plated, tin-plated in solder area
Ground contact
CuZn, pre-nickel and tin-plated
Housing
Zn diecast, pre-copper and nickel-
plated
Ring screw
CuZn, nickel-plated
Seal
NBR
Mechanical data
Protection class
IP68/67 1
1
according to IEC 60529/DIN EN 60529
IP68: sealed in locked position; pair of appropriate connectors in locked
position is sealed against ingress of dust and moisture.
IP67: sealed when unmated (SWUM™); no dust or moisture can ingress into the inside of the
device through an unmated connector accidentially left unprotected.
IPX8 requirements under agreement between user and manufacturer
Electrical data (at Tamb 20 °C)
Rated current
5 A (Tamb 40 °C)
Rated voltage
60 V
Rated impulse voltage
1 kV/60 s
Material group
II (IEC)/1 (UL) (CTI ≥ 450)
Overvoltage category
I
Insulation resistance
> 100 MΩ
Associated products
Counterparts
�
0321
�
0322
�
0322-1
�
032200
�
0360
�
036000
Accessories
�
0383
�
038399
�
0384
�
0385
�
038899
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com