Electronic Components Datasheet Search
  English  ▼

X  

0362 Datasheet(PDF) 2 Page - Lumberg

Part # 0362
Description  Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

0362 Datasheet(HTML) 2 Page - Lumberg

  0362 Datasheet HTML 1Page - Lumberg 0362 Datasheet HTML 2Page - Lumberg 0362 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
03 0384
01/2018
2
Environmental conditions
Temperature range
-40 °C/+85 °C
Materials
Hexagonal nut
CuZn, nickel-plated
Associated products
Accessories
�
030398
�
0304
�
0304-1
�
0304-2
�
0305
�
0305-1
�
0305-1 U
�
0305-2
�
0306
�
0306-1
�
0306-2
�
0307
�
0307-1
�
0307-2
�
030798-1
�
030798-2
�
030799-2
�
0314
�
0314-1
�
0314-2
�
0315
�
0315-1
�
0315-1 U
�
0315-2
�
0316
�
0316-1
�
0316-2
�
0317
�
0317-1
�
0317-2
�
031798-1
�
031798-2
�
031799-2
�
0362
�
0363
�
KFR
�
KFV
�
KGR
�
KGV
�
SFV
�
SGR
�
SGV
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com