Electronic Components Datasheet Search
  English  ▼

X  

PB64 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # PB64
Description  General purpose white
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

PB64 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  PB64 Datasheet HTML 1Page - Lumileds Lighting Company PB64 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2016 Lumileds Holding B.V. All rights reserved.
LUXEON is a registered trademark of the Lumileds Holding B.V.
in the United States and other countries.
lumileds.com
Lumileds Holding B.V. shall not be liable for any kind of loss of data or any other damages, direct,
indirect or consequential, resulting from the use of the provided information and data. Although
Lumileds Holding B.V. has attempted to provide the most accurate information and data, the
materials and services information and data are provided “as is” and Lumileds Holding B.V.
neither warranties, nor guarantees the contents and correctness of the provided information
and data. Lumileds Holding B.V. reserves the right to make changes without notice. You as user
agree to this disclaimer and user agreement with the download or use of the provided materials,
information and data.
PB64 LUXEON Rebel General Purpose
Product Brief 20160524
LUXEON Rebel product performance at 350mA and 700mA, T
j=25°C.
NOMINAL
CCT
MINIMUM
CRI [1, 2]
LUMINOUS FLUX [1] (lm)
TYPICAL
LUMINOUS
EFFICACY (lm/W)
TYPICAL
LUMINOUS
FLUX (lm)
TYPICAL
LUMINOUS
EFFICACY (lm/W)
PART NUMBER
MINIMUM
TYPICAL
350mA
700mA
3500K-4500K
60
90
93
89
160
68
LXML-PWN1-0090
3500K-4500K
60
100
105
100
180
76
LXML-PWN1-0100
3500K-4500K
60
110
114
109
200
85
LXML-PWN1-0110
3500K-4500K
60
120
123
117
220
93
LXML-PWN1-0120
4500K-10000K
60
90
93
89
160
68
LXML-PWC1-0090
4500K-10000K
60
100
105
100
180
76
LXML-PWC1-0100
4500K-10000K
60
110
115
109
200
85
LXML-PWC1-0110
4500K-10000K
60
120
123
117
220
93
LXML-PWC1-0120
Notes:
1. Lumileds maintains a tolerance of ±2 on CRI and ±6.5% on flux measurements.
2. Typical CRI is approximately 2 points higher than the minimum CRI specified, but this is not guaranteed.
Notes:
1. Drawings are not scale.
2. All dimensions are in millimeters.
Mechanical Dimensions.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com