Electronic Components Datasheet Search
  English  ▼

X  

PB68 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # PB68
Description  High flux and efficacy on industry?셲 most widely used color LED platform
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

PB68 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  PB68 Datasheet HTML 1Page - Lumileds Lighting Company PB68 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2016 Lumileds Holding B.V. All rights reserved.
LUXEON is a registered trademark of the Lumileds Holding B.V.
in the United States and other countries.
lumileds.com
Neither Lumileds Holding B.V. nor its affiliates shall be liable for any kind of loss of data or any
other damages, direct, indirect or consequential, resulting from the use of the provided
information and data. Although Lumileds Holding B.V. and/or its affiliates have attempted to
provide the most accurate information and data, the materials and services information and data
are provided “as is,” and neither Lumileds Holding B.V. nor its affiliates warrants or guarantees
the contents and correctness of the provided information and data. Lumileds Holding B.V. and its
affiliates reserve the right to make changes without notice. You as user agree to this disclaimer
and user agreement with the download or use of the provided materials, information and data.
PB68 LUXEON Rebel Color Line
Product Brief 20160823
LUXEON Rebel Color Line product performance at test conditions.
COLOR
DOMINANT [1, 2] or
PEAK WAVELENGTH [2] (nm)
LUMINIOUS FLUX [1, 3] (lm) or
RADIOMETRIC POWER [3] (mW)
TEST CURRENT
(mA)
PART NUMBER
MINIMUM
MAXIMUM
MINIMUM
TYPICAL
Far Red
720
750
210
260
350
LXML-PF01
Deep Red
650
670
270
360
350
LXM3-PD01
Red
620
645
60
62
350
LXM2-PD01-0060
620
645
50
53
350
LXM2-PD01-0050
620
645
40
48
350
LXM2-PD01-0040
620
645
50
52
350
LXML-PD01-0050
620
645
40
46
350
LXML-PD01-0040
620
645
30
38
350
LXML-PD01-0030
620
645
50
64
350
LXM5-PD01
Red-Orange
610
620
70
72
350
LXM2-PH01-0070
610
620
60
67
350
LXM2-PH01-0060
610
620
60
62
350
LXML-PH01-0060
610
620
50
56
350
LXML-PH01-0050
610
620
50
90
350
LXM5-PH01
PC Amber
594
604
80
110
350
LXM2-PL01-0000
Amber
585
595
60
61
350
LXML-PL01-0060
585
595
50
54
350
LXML-PL01-0050
585
595
40
48
350
LXML-PL01-0040
585
595
30
38
350
LXML-PL01-0030
585
595
50
74
350
LXM5-PL01
Lime
566
569
140
184
350
LXML-PX02-0000
Green
520
540
100
102
350
LXML-PM01-0100
520
540
90
95
350
LXML-PM01-0090
520
540
80
88
350
LXML-PM01-0080
520
540
70
79
350
LXML-PM01-0070
Cyan
490
515
80
83
350
LXML-PE01-0080
490
515
70
76
350
LXML-PE01-0070
490
515
60
67
350
LXML-PE01-0060
Blue
460
485
40
41
350
LXML-PB01-0040
460
485
30
35
350
LXML-PB01-0030
460
485
23
28
350
LXML-PB01-0023
460
485
18
22
350
LXML-PB01-0018
460
485
50
74
700
LXML-PB02
Royal Blue
440
460
500
520
350
LXML-PR01-0500
440
460
1100
1120
700
LXML-PR02-1100
440
460
1050
1070
700
LXML-PR02-1050
440
460
1000
1030
700
LXML-PR02-1000
440
460
950
970
700
LXML-PR02-0950
440
460
900
940
700
LXML-PR02-0900
440
460
800
890
700
LXML-PR02-0800
440
460
900
1030
700
LXML-PR02-A900 [4]
Notes:
1. Lumileds maintains a tolerance of ±0.5nm for dominant wavelength and ±6.5% on luminous flux measurements..
2. Far Red, Deep Red and Royal Blue are binned by peak wavelength and all other colors by dominant wavelength.
3. Far Red, Deep Red and Royal Blue are binned by radiometric power and all other colors by luminous flux.
4. LXML-PR02-A900 is a selection of color bins 4 and 5 only.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com