Electronic Components Datasheet Search
  English  ▼

X  

PB103 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # PB103
Description  Brightest, most uniform and highest efficacy multi-die emitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

PB103 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  PB103 Datasheet HTML 1Page - Lumileds Lighting Company PB103 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2015 Lumileds Holding B.V. All rights reserved.
LUXEON is a registered trademark of the Lumileds Holding B.V.
in the United States and other countries.
lumileds.com
Lumileds Holding B.V. shall not be liable for any kind of loss of data or any other damages, direct,
indirect or consequential, resulting from the use of the provided information and data. Although
Lumileds Holding B.V. has attempted to provide the most accurate information and data, the
materials and services information and data are provided “as is” and Lumileds Holding B.V.
neither warranties, nor guarantees the contents and correctness of the provided information
and data. Lumileds Holding B.V. reserves the right to make changes without notice. You as user
agree to this disclaimer and user agreement with the download or use of the provided materials,
information and data.
PB103 LUXEON M Product Brief 20150815
LUXEON M White product performance at test current, T
j=85°C.
VoltagE
nomInal cct [2]
mInImum
crI
lumInous FluX[1] (lm)
tEst currEnt
(ma)
Part numBEr
mInImum
tyPIcal
12V
3000K
70
900
1000
700
LXR7-SW30
4000K
70
970
1076
700
LXR7-SW40
5000K
70
1040
1100
700
LXR7-SW50
5700K
70
1040
1110
700
LXR7-SW57
6500K
70
1040
1130
700
LXR7-SW65
2700K
80
730
800
700
LXR8-SW27
3000K
80
780
850
700
LXR8-SW30
3500K
80
780
870
700
LXR8-SW35
4000K
80
840
905
700
LXR8-SW40
5000K
80
840
920
700
LXR8-SW50
2700K
90
600
660
700
LXR9-SW27
3000K
90
640
736
700
LXR9-SW30
5700K
90
800
880
700
LXR9-SW57
6V
3000K
70
900
1000
1400
LXR7-RW30
4000K
70
970
1076
1400
LXR7-RW40
5000K
70
1040
1100
1400
LXR7-RW50
5700K
70
1040
1110
1400
LXR7-RW57
6500K
70
1040
1130
1400
LXR7-RW65
2700K
80
730
800
1400
LXR8-RW27
3000K
80
780
850
1400
LXR8-RW30
3500K
80
780
870
1400
LXR8-RW35
4000K
80
840
920
1400
LXR8-RW40
5000K
80
840
920
1400
LXR8-RW50
2700K
90
600
660
1400
LXR9-RW27
3000K
90
640
736
1400
LXR9-RW30
5700K
90
800
880
1400
LXR9-RW57
3V
3000K
70
900
1000
2800
LXR7-QW30
4000K
70
970
1076
2800
LXR7-QW40
5000K
70
1040
1100
2800
LXR7-QW50
5700K
70
1040
1110
2800
LXR7-QW57
6500K
70
1040
1130
2800
LXR7-QW65
2700K
80
730
800
2800
LXR8-QW27
3000K
80
780
850
2800
LXR8-QW30
3500K
80
780
870
2800
LXR8-QW35
4000K
80
840
920
2800
LXR8-QW40
5000K
80
840
920
2800
LXR8-QW50
2700K
90
600
660
2800
LXR9-QW27
3000K
90
640
736
2800
LXR9-QW30
5700K
90
800
880
2800
LXR9-QW57
Notes:
1. Lumileds maintains a tolerance of ±6.5% on flux measurements.
2. Correlated color temperature is based upon mounted die on highly reflective surface at T
j=25°C.
LUXEON M Royal Blue product performance at test current, T
j=85°C.
VoltagE
domInant WaVElEngtH (nm)
radIomEtrIc PoWEr (mW)
tEst currEnt
(ma)
Part numBEr
mInImum
maXImum
mInImum
tyPIcal
12V
445
460
4200
4500
700
LXR0-SR00
6V
445
460
4200
4500
1400
LXR0-RR00
3V
445
460
4200
4500
2800
LXR0-QR00
Notes:
1. Lumileds maintains a tolerance of ±6.5% on radiometric power measurements.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com