Electronic Components Datasheet Search
  English  ▼

X  

PB112 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # PB112
Description  Industry-leading solutions for light guide DRL, and signature lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

PB112 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  PB112 Datasheet HTML 1Page - Lumileds Lighting Company PB112 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2016 Lumileds Holding B.V. All rights reserved.
LUXEON is a registered trademark of the Lumileds Holding B.V.
in the United States and other countries.
lumileds.com
Neither Lumileds Holding B.V. nor its affiliates shall be liable for any kind of loss of data or any
other damages, direct, indirect or consequential, resulting from the use of the provided
information and data. Although Lumileds Holding B.V. and/or its affiliates have attempted to
provide the most accurate information and data, the materials and services information and data
are provided “as is,” and neither Lumileds Holding B.V. nor its affiliates warrants or guarantees
the contents and correctness of the provided information and data. Lumileds Holding B.V. and its
affiliates reserve the right to make changes without notice. You as user agree to this disclaimer
and user agreement with the download or use of the provided materials, information and data.
PB112 LUXEON F Cool White
Product Brief 20161014
LUXEON F Cool White Absolute Ratings.
PARAMETER
PERFORMANCE
Minimum DC Forward Current
50mA
Maximum DC Forward Current
1000mA
Maximum Junction Temperature [1]
150°C
Operating Case Temperature at 700mA [1]
-40°C to 130°C
Operating Case Temperature at Maximum Current [1]
-40°C to 105°C
LED Storage Temperature
-40°C to 130°C
Maximum Soldering Temperature
260°C
Allowable Reflow Cycles
3
ESD Sensitivity [2]
±8kV HBM, ±400V MM, ±2kV CDM
Reverse Voltage (V
reverse)
LUXEON F LEDs are not designed to be driven in reverse bias
Autoclave Conditions
121°C at 2 ATM 100% Relative Humidity for 96 Hours Maximum
Notes:
1. Proper current derating must be observed to maintain junction temperature below the maximum. LUXEON F LEDs driven at or above maximum LED case temperature may have a
shorter lifetime.
2. Measured using human body model (per JESD22 A114), machine model (per JESD22 A115 and charged device model (per JESD22 C101).
Notes:
1. Drawings are not scale.
2. All dimensions are in millimeters.
Mechanical Dimensions.
1.90 ±0.10
1
TVS
ANGULARITY
TOLERANCE
2.5
DIE
0.60 0.10
0.68 0.10
1.65
0 0.05
CENTER OF
THERMAL PAD
TO CENTER
OF LUMIRAMIC
0.70
0.25
0.125
0.575 ±0.100
CENTER OF THERMAL
PAD TO TOP EDGE
0.95 ±0.10
CENTER OF THERMAL
PAD TO SIDE EDGE
0.075 ±0.05
CENTER OF THERMAL
PAD TO CENTER
OF LUMIRAMIC
CATHODE
ANODE
CENTER OF DIE
CENTER OF
THERMAL PAD
LINEAR:
ANGULAR:
STANDARD TOLERANCES
(UNLESS OTHERWISE SPECIFIED)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com