Electronic Components Datasheet Search
  English  ▼

X  

PB136 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # PB136
Description  Best combination of brightness, uniformity and luminance enabling precision light control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

PB136 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  PB136 Datasheet HTML 1Page - Lumileds Lighting Company PB136 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ILLUMINATION
LUXEON MZ
Best combination of brightness, uniformity and luminance
enabling precision light control
LUXEON MZ is a multi-die LED designed to enable outdoor and industrial
applications with all of the features of LUXEON M including an identical
solder footprint, but allowing for tighter beam control and higher punch
due to a smaller apparent source size. LUXEON MZ falls within a single
3- or 5-step MacAdam ellipse centered in ANSI to ensure color
consistency from LED to LED. The superior quality of light, volume of
lumens, and real world efficacy enable leading performance and efficient
solution development in a wide variety of lighting segments.
FEATURES AND BENEFITS
PRIMARY APPLICATIONS
Undomed package for improved punch and exceptional luminance
High Bay & Low Bay
Common footprint as LUXEON M for compatibility with existing designs
Lamps
Industry leading 11.2V package delivers exceptional efficacy
Outdoor
Leading thermal resistance enables flexible system design to optimize for
lm/$ and lm/W
Specialty Lighting
Exceeds ENERGY STAR® lumen maintenance requirements
Spotlights


Similar Part No. - PB136

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PB130-SM3A MULTICOMP-PB130-SM3A Datasheet
275Kb / 3P
Cable Marker
05/09/22 V1.0
PB130-SM3N MULTICOMP-PB130-SM3N Datasheet
275Kb / 3P
Cable Marker
05/09/22 V1.0
logo
Lumileds Lighting Compa...
PB131 LUMILEDS-PB131 Datasheet
1Mb / 2P
Integrated functionality for headlight solutions
PB133 LUMILEDS-PB133 Datasheet
1Mb / 2P
Extreme efficacy and best performance
PB134 LUMILEDS-PB134 Datasheet
1Mb / 2P
Extreme flux density in a micro footprint package for precise optical control
More results

Similar Description - PB136

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TDA2560 FAIRCHILD-TDA2560 Datasheet
442Kb / 8P
LUMINANCE AND CHROMINANCE CONTROL COMBINATION
TBA560C FAIRCHILD-TBA560C Datasheet
334Kb / 5P
LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
National Semiconductor ...
TBA560C NSC-TBA560C Datasheet
294Kb / 4P
LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
List of Unclassifed Man...
TBA560C ETC1-TBA560C Datasheet
252Kb / 4P
LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
NXP Semiconductors
TCA660B PHILIPS-TCA660B Datasheet
391Kb / 9P
CONTRAST, SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS
November 1976
logo
Lumileds Lighting Compa...
LMZ7-SW40 LUMILEDS-LMZ7-SW40 Datasheet
2Mb / 18P
Best combination of brightness, uniformity and luminance enabling precision light control
LHC1-3590-1203 LUMILEDS-LHC1-3590-1203 Datasheet
3Mb / 23P
High-efficacy LED with a small light emitting surface and greater uniformity of light
DS136 LUMILEDS-DS136 Datasheet
2Mb / 21P
Best combination of brightness, uniformity and luminance enabling precision light control
logo
Ledil, Inc.
CA13837 LEDIL-CA13837 Datasheet
4Mb / 5P
Universal road lighting beam with excellent mixed illuminance and luminance uniformity.
C14165 LEDIL-C14165 Datasheet
4Mb / 17P
Beam with excellent longitudinal luminance uniformity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com