Electronic Components Datasheet Search
  English  ▼

X  

LT5519 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5519
Description  0.7GHz to 1.4GHz High Linearity Upconverting Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5519 Datasheet(HTML) 1 Page - Linear Technology

  LT5519 Datasheet HTML 1Page - Linear Technology LT5519 Datasheet HTML 2Page - Linear Technology LT5519 Datasheet HTML 3Page - Linear Technology LT5519 Datasheet HTML 4Page - Linear Technology LT5519 Datasheet HTML 5Page - Linear Technology LT5519 Datasheet HTML 6Page - Linear Technology LT5519 Datasheet HTML 7Page - Linear Technology LT5519 Datasheet HTML 8Page - Linear Technology LT5519 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT5519
1
5519f
s
Wide RF Frequency Range: 0.7GHz to 1.4GHz
s
17.1dBm Typical Input IP3 at 1GHz
s
On-Chip RF Output Transformer
s
On-Chip 50
Ω Matched LO and RF Ports
s
Single-Ended LO and RF Operation
s
Integrated LO Buffer: –5dBm Drive Level
s
Low LO to RF Leakage: – 44dBm Typical
s
Noise Figure: 13.6dB
s
Wide IF Frequency Range: 1MHz to 400MHz
s
Enable Function with Low Off-State Leakage Current
s
Single 5V Supply
s
Small 16-Lead QFN Plastic Package
0.7GHz to 1.4GHz
High Linearity
Upconverting Mixer
The LT
®5519 mixer is designed to meet the high linearity
requirements of wireless and cable infrastructure trans-
mission systems. A high speed, internally 50
Ω matched,
LO amplifier drives a double-balanced mixer core, allow-
ing the use of a low power, single-ended LO source. An RF
output transformer is integrated, thus eliminating the
need for external matching components at the RF output,
while reducing system cost, component count, board area
and system-level variations. The IF port can be easily
matched to a broad range of frequencies for use in many
different applications.
The LT5519 mixer delivers +17.1dBm typical input 3rd
order intercept point at 1GHz with IF input signal levels of
–10dBm. The input 1dB compression point is typically
+5.5dBm. The IC requires only a single 5V supply.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Figure 1. Frequency Conversion in Wireless Infrastructure Transmitter
RF Output Power, IM3 and IM2
vs IF Input Power (Two Input Tones)
IF+
IF –
LO–
LO+
RF+
RF –
PA
LO INPUT
–5dBm
BIAS
EN
VCC1
VCC2
VCC3
10pF
5pF
5pF
85
Ω
5VDC
5519 F01a
BPF
BPF
GND
4:1
220pF
220pF
33pF
100
Ω
100
Ω
(OPTIONAL)
LT5519
1
µF
1000pF
39nH
s
Wireless Infrastructure
s
Cable Downlink Infrastructure
s
Point-to-Point and Point-to-Multipoint Data
Communications
s
High Linearity Frequency Conversion
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
IF INPUT POWER (dBm/TONE)
–16
–30
–10
10
0
5519 F01b
–50
–70
–40
–20
0
–60
–80
–90
–12
–8
–4
4
POUT
IM3
IM2
fRF = 1000MHz
PLO = –5dBm
fLO = 1140MHz
fIF1 = 140MHz
fIF2 = 141MHz
TA = 25°C


Similar Part No. - LT5519

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5519 LINER-LT5519 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5519 LINER-LT5519 Datasheet
227Kb / 12P
0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519_15 Datasheet
227Kb / 12P
0.7GHz to 1.4GHz High Linearity Upconverting Mixer
More results

Similar Description - LT5519

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579 Datasheet
247Kb / 20P
1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519_15 Datasheet
227Kb / 12P
0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520_15 Datasheet
195Kb / 12P
1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LTC5576 LINER-LTC5576_15 Datasheet
511Kb / 24P
3GHz to 8GHz High Linearity Active Upconverting Mixer
logo
Broadcom Corporation.
ALM-32120 BOARDCOM-ALM-32120 Datasheet
741Kb / 11P
0.7GHz ??1.0GHz 2 Watt High Linearity Amplifier
logo
Linear Technology
LTC5576 LINER-LTC5576 Datasheet
173Kb / 4P
3GHz to 8GHz High Linearity Active Upconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com