Electronic Components Datasheet Search
  English  ▼

X  

LT5519EUF Datasheet(PDF) 3 Page - Linear Technology

Part # LT5519EUF
Description  0.7GHz to 1.4GHz High Linearity Upconverting Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5519EUF Datasheet(HTML) 3 Page - Linear Technology

  LT5519EUF Datasheet HTML 1Page - Linear Technology LT5519EUF Datasheet HTML 2Page - Linear Technology LT5519EUF Datasheet HTML 3Page - Linear Technology LT5519EUF Datasheet HTML 4Page - Linear Technology LT5519EUF Datasheet HTML 5Page - Linear Technology LT5519EUF Datasheet HTML 6Page - Linear Technology LT5519EUF Datasheet HTML 7Page - Linear Technology LT5519EUF Datasheet HTML 8Page - Linear Technology LT5519EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT5519
3
5519f
(Test Circuit Shown in Figure 2) VCC = 5VDC, EN = High, TA = 25°C, unless otherwise noted. (Note 3)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: External components on the final test circuit are optimized for
operation at fRF = 1GHz, fLO = 1.14GHz and fIF = 140MHz.
Note 3: Specifications over the –40
°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
controls.
Note 4: Turn-On and Turn-Off times are based on the rise and fall times of
the RF output envelope from –40dBm to full power with an IF input power
of –10dBm.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Enable (EN) Low = OFF, High = ON
Turn-On Time (Note 4)
2
µs
Turn-Off Time (Note 4)
6
µs
Input Current
VENABLE = 5VDC
110
µA
Enable = High (ON)
3VDC
Enable = Low (OFF)
0.5
VDC
Power Supply Requirements (VCC)
Supply Voltage
4.5 to 5.25
VDC
Supply Current
VCC = 5VDC
60
70
mA
Shutdown Current
EN = Low
1
100
µA
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
Shutdown Current
vs Supply Voltage
(Test Circuit Shown in Figure 2)
SUPPLY VOLTAGE (V)
4
56
58
60
4.75
5.25
5519 G01
54
52
50
4.25
4.5
5
62
64
66
5.5
TA = 85°C
TA = 25°C
TA = –40°C
SUPPLY VOLTAGE (V)
4
0
0.2
0.4
0.6
0.8
1.2
4.25
4.5
4.75
5
5519 G02
5.25
5.5
1.0
TA = 85°C
TA = 25°C
TA = –40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com