Electronic Components Datasheet Search
  English  ▼

X  

LTC3803 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3803
Description  Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3803 Datasheet(HTML) 4 Page - Linear Technology

  LTC3803 Datasheet HTML 1Page - Linear Technology LTC3803 Datasheet HTML 2Page - Linear Technology LTC3803 Datasheet HTML 3Page - Linear Technology LTC3803 Datasheet HTML 4Page - Linear Technology LTC3803 Datasheet HTML 5Page - Linear Technology LTC3803 Datasheet HTML 6Page - Linear Technology LTC3803 Datasheet HTML 7Page - Linear Technology LTC3803 Datasheet HTML 8Page - Linear Technology LTC3803 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC3803
3803i
TYPICAL PERFOR A CE CHARACTERISTICS
ICC Supply Current
vs Temperature
VCC Shunt Regulator Voltage
vs Temperature
VCC Undervoltage Lockout
Thresholds vs Temperature
TEMPERATURE (
°C)
–50
5.0
5.5
6.5
7.0
7.5
10.0
8.5
–10
30
50
3803 G07
6.0
9.0
9.5
8.0
–30
10
80
90
110
VTURNON
VTURNOFF
TEMPERATURE (
°C)
–50
9.0
9.1
9.3
9.4
9.5
10.0
9.7
–10
30
50
3803 G08
9.2
9.8
9.9
9.6
–30
10
70
90
110
ICC = 25mA
ICC = 1mA
TEMPERATURE (
°C)
–50
215
220
230
235
240
265
250
–10
30
50
3803 G08
225
255
260
245
–30
10
70
90
110
VCC = 8V
VITH/RUN = 1.3V
ITH/RUN Shutdown Threshold
vs Temperature
Start-Up ICC Supply Current
vs Temperature
TEMPERATURE (
°C)
–50
0
10
20
30
40
–10
30
70
110
3803 G10
50
60
–30
10
50
90
VCC = VTURNON – 0.1V
TEMPERATURE (
°C)
–50
300
350
400
70
90
3803 G11
250
200
–10
10
–30
30
50
110
150
100
450
ITH/RUN Start-Up Current Source
vs Temperature
TEMPERATURE (
°C)
–50
0
100
200
300
400
–10
30
70
110
3803 G12
500
600
–30
10
50
90
VCC = VTURNON + 0.1V
VITH/RUN = 0V
Soft-Start Time vs Temperature
Peak Current Sense Voltage
vs Temperature
TEMPERATURE (
°C)
–50
100
110
110
3803 G13
90
80
–10
30
70
–30
10
50
90
120
95
105
85
115
VCC = 8V
TEMPERATURE (
°C)
–50
2.0
3.0
110
3803 G14
1.0
0
–10
30
70
–30
10
50
90
4.0
1.5
2.5
0.5
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com