Electronic Components Datasheet Search
  English  ▼

X  

M27W512 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27W512
Description  512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W512 Datasheet(HTML) 1 Page - STMicroelectronics

  M27W512 Datasheet HTML 1Page - STMicroelectronics M27W512 Datasheet HTML 2Page - STMicroelectronics M27W512 Datasheet HTML 3Page - STMicroelectronics M27W512 Datasheet HTML 4Page - STMicroelectronics M27W512 Datasheet HTML 5Page - STMicroelectronics M27W512 Datasheet HTML 6Page - STMicroelectronics M27W512 Datasheet HTML 7Page - STMicroelectronics M27W512 Datasheet HTML 8Page - STMicroelectronics M27W512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
November 2004
M27W512
512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
FEATURES SUMMARY
■
2.7 to 3.6V SUPPLY VOLTAGE in READ
OPERATION
■
ACCESS TIME:
–
70ns at VCC = 3.0 to 3.6V
–
80ns at VCC = 2.7 to 3.6V
■
PIN COMPATIBLE with M27C512
■
LOW POWER CONSUMPTION:
–
15µA max Standby Current
–
15mA max Active Current at 5MHz
■
PROGRAMMING TIME 100µs/byte
■
HIGH RELIABILITY CMOS TECHNOLOGY
–
2000V ESD Protection
–
200mA Latchup Protection Immunity
■
ELECTRONIC SIGNATURE
–
Manufacturer Code: 20h
–
Device Code: 3Dh
■
PACKAGES
–
Lead-Free Versions
Figure 1. Packages
1
28
FDIP28W (F)
28
1
PDIP28 (B)
PLCC32 (K)
TSOP28 (N)
8 x 13.4 mm


Similar Part No. - M27W512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
20-Mar-2000
M27W512 STMICROELECTRONICS-M27W512 Datasheet
187Kb / 22P
512 Kbit (64 Kbit x8) low-voltage OTP EPROM
09-Jun-2008
M27W512-100B6TR STMICROELECTRONICS-M27W512-100B6TR Datasheet
108Kb / 16P
512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
20-Mar-2000
M27W512-100F6TR STMICROELECTRONICS-M27W512-100F6TR Datasheet
108Kb / 16P
512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
20-Mar-2000
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
187Kb / 22P
512 Kbit (64 Kbit x8) low-voltage OTP EPROM
09-Jun-2008
More results

Similar Description - M27W512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
512 Kbit 64Kb x8 UV EPROM and OTP EPROM
08-Nov-2004
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
M27V801 STMICROELECTRONICS-M27V801 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
May-1998
M27W101 STMICROELECTRONICS-M27W101 Datasheet
103Kb / 15P
1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
04-Apr-2000
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
20-Mar-2000
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
08-Nov-2004
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
64 Kbit (8Kb x8) UV EPROM and OTP EPROM
06-Apr-2006
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
18-May-2007
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
512 Kbit (64 Kbit x8) low-voltage OTP EPROM
09-Jun-2008
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
23-May-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com