Electronic Components Datasheet Search
  English  ▼

X  

MA2SD25 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA2SD25
Description  Silicon epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2SD25 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA2SD25 Datasheet HTML 1Page - Panasonic Semiconductor MA2SD25 Datasheet HTML 2Page - Panasonic Semiconductor MA2SD25 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diodes (SBD)
1
Publication date: August 2001
SKH00029AED
MA2SD25
Silicon epitaxial planar type
For super high speed switching
I Features
• I
F(AV) = 200 mA rectification is possible
• SS-Mini type 2-pin package
I Absolute Maximum Ratings T
a = 25°C
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
15
V
Repetitive peak reverse-voltage
VRRM
15
V
Peak forward current
IFM
300
mA
Average forward current
IF(AV)
200
mA
Non-repetitive peak forward-
IFSM
1A
surge-current *
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Note) *: The peak-to-peak value in one cycle of 50 Hz sine wave (non-repetitive)
Marking Symbol: 6L
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR
= 6 V
50
µA
Forward voltage (DC)
VF
IF
= 200 mA
0.39
V
Terminal capacitance
Ct
VR = 1 V, f = 1 MHz
20
pF
Reverse recovery time *
trr
IF
= I
R
= 100 mA
3
ns
Irr
= 10 mA, R
L
= 100 Ω
I Electrical Characteristics T
a
= 25°C ± 3°C
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
Wave Form Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 100 mA
I
R = 100 mA
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 10 mA
t
r
t
p
t
rr
V
R
I
F
t
t
A
1 : Anode
2 : Cathode
EIAJ : SC-79
SSMini2-F1 Package
Unit: mm
0.80
+0.05
–0.03
0.60
+0.05
–0.03
0.12
+0.05
–0.02
0
+0
–0.05
0.30±0.05
0.01±0.01
1
2
5
°
Note) 1. This product is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body
and the leakage of current from the operating equipment.
2. Rated input/output frequency: 250 MHz
3. *: trr measuring instrument


Similar Part No. - MA2SD25

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
Silicon epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
234Kb / 3P
Silicon epitaxial planar type For super high speed switching
MA2SD24 PANASONIC-MA2SD24_13 Datasheet
234Kb / 3P
Silicon epitaxial planar type For super high speed switching
MA2SD29 PANASONIC-MA2SD29 Datasheet
85Kb / 3P
Silicon epitaxial planar type
More results

Similar Description - MA2SD25

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
Silicon epitaxial planar type
MA2S377 PANASONIC-MA2S377 Datasheet
38Kb / 2P
Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2X707 PANASONIC-MA2X707 Datasheet
41Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z367 PANASONIC-MA2Z367 Datasheet
40Kb / 2P
Silicon epitaxial planar type
MA2Z720 PANASONIC-MA2Z720 Datasheet
42Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com