Electronic Components Datasheet Search
  English  ▼

X  

MAX1316 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1316
Description  8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1316 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1316 Datasheet HTML 17Page - Maxim Integrated Products MAX1316 Datasheet HTML 18Page - Maxim Integrated Products MAX1316 Datasheet HTML 19Page - Maxim Integrated Products MAX1316 Datasheet HTML 20Page - Maxim Integrated Products MAX1316 Datasheet HTML 21Page - Maxim Integrated Products MAX1316 Datasheet HTML 22Page - Maxim Integrated Products MAX1316 Datasheet HTML 23Page - Maxim Integrated Products MAX1316 Datasheet HTML 24Page - Maxim Integrated Products MAX1316 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
______________________________________________________________________________________
21
The input range is centered about VMSV. Normally,
MSV = AGND, and the input is symmetrical about zero.
For a custom midscale voltage, drive MSV with an
external voltage source. Noise present on MSV directly
couples into the ADC result. Use a precision, low-drift
voltage reference with adequate bypassing to prevent
MSV from degrading ADC performance. For maximum
FSR, be careful not to violate the absolute maximum
voltage ratings of the analog inputs when choosing
VMSV. Determine the input voltage as a function of
VREF, VMSV, and the output code in decimal using the
following equation:
Unipolar 0 to +5V Devices
Table 7 and Figure 11 show the offset binary transfer
function for the MAX1316/MAX1317/MAX1318 with a 0
to +5V input range. The FSR is two times the voltage at
REF. The internal +2.500V reference gives a +5V FSR,
while an external +2V to +3V reference allows an FSR
of +4V to +6V, respectively. Calculate the LSB size
using the following equation:
This equals 0.3052mV when using the internal reference.
LSB
VREF
=
×
2
2
14
V
LSB
CODE
V
CH
MSV
_ =×
+
10
Figure 10. ±5V Bipolar Transfer Function
4 x VREF
4 x VREF
4 x VREF
2
14
1 LSB =
-8192 -8190
+8191
+8189
0x2000
0x2001
0x2002
0x2003
0x1FFF
0x1FFE
0x1FFD
0x1FFC
0x3FFF
0x0000
0x0001
-1 0 +1
(MSV)
INPUT VOLTAGE (VCH_ - VMSV IN LSBs)
Table 6. ±5V Bipolar Code Table
TWO’S COMPLEMENT
BINARY OUTPUT CODE
DECIMAL
EQUIVALENT
OUTPUT
(CODE10)
INPUT
VOLTAGE (V)
(VREF = 2.5V,
VMSV = 0V)
01 1111 1111 1111
0x1FFF
8191
4.9997
±0.5 LSB
01 1111 1111 1110
0x1FFE
8190
4.9991
±0.5 LSB
00 0000 0000 0001
0x0001
1
0.0009
±0.5 LSB
00 0000 0000 0000
0x0000
0
0.0003
±0.5 LSB
11 1111 1111 1111
0x3FFF
-1
-0.0003
±0.5 LSB
10 0000 0000 0001
0x2001
-8191
-4.9991
±0.5 LSB
10 0000 0000 0000
0x2000
-8192
-4.9997
±0.5 LSB
Table 7. 0 to +5V Unipolar Code Table
BINARY OUTPUT CODE
DECIMAL
EQUIVALENT
OUTPUT
(CODE10)
INPUT
VOLTAGE (V)
(VREF = VREFMS
= 2.5V)
11 1111 1111 1111
0x3FFF
16383
4.9998
±0.5 LSB
11 1111 1111 1110
0x3FFE
16382
4.9995
±0.5 LSB
10 0000 0000 0001
0x2001
8193
2.5005
±0.5 LSB
10 0000 0000 0000
0x2000
8192
2.5002
±0.5 LSB
01 1111 1111 1111
0x1FFF
8191
2.4998
±0.5 LSB
00 0000 0000 0001
0x0001
1
0.0005
±0.5 LSB
00 0000 0000 0000
0x0000
0
0.0002
±0.5 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com