Electronic Components Datasheet Search
  English  ▼

X  

PEWAD5000 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWAD5000
Description  WR-10 Waveguide Bulkhead Adapter UG-387/U-Mod Round Cover Flange, 75 GHz to 110 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWAD5000 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWAD5000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWAD5000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWAD5000 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Bulkhead adapter for WR-10
• Mounted to the panel with screws
• Gold Plated Finish
• Precision manufactured
• Flanges grooved to receive gaskets
Applications
• Test Instrumentation
• Sub-Assemblies
• Military and Space
• R&D labs
• Communications Systems
.
Description
The Pasternack series of rectangular waveguide bulkhead flange mount adapters are offered to cover frequency range of 18
to 110 GHz in seven waveguide bands. The transitions are used for waveguide interface in panel mount equipment. A hole
is made in the panel and the adapter is mounted to the panel with screws. Once mounted, waveguides with UG-387/U-Mod
flanges can be attached to the adapater on both sides of the bulkhead adapter to allow a signal path through the panel. The
PEWAD5000 is a bulkhead adapter for WR-10 waveguides with UG-387/U-Mod flanges.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
75
110
GHz
.
Mechanical Specifications
.
Weight
0.128 lbs [58.06 g]
.
Description
Flange 1
Waveguide
Flange 2
Type
Round Cover
WR-10
Round Cover
Designation
UG-387/U-Mod
UG-387/U-Mod
Material
Brass
Brass
Brass
Plating
Gold
Gold
Gold
Plating Specification
ASTMB488
ASTMB488
ASTMB488
...
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
PEWAD5000 REV 1.0
PEWAD5000
WR-10 Waveguide Bulkhead Adapter UG-387/U-
Mod Round Cover Flange, 75 GHz to 110 GHz
Waveguide Bulkhead Adapters Technical Data
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-10 Waveguide Bulkhead Adapter UG-387/U-Mod Round Cover Flange, 75 GHz to
110 GHz PEWAD5000


Similar Part No. - PEWAD5000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWAD5001 PASTERNACK-PEWAD5001 Datasheet
367Kb / 3P
WR-12 Waveguide Bulkhead Adapter UG-387/U Round Cover Flange, 60 GHz to 90 GHz
PEWAD5002 PASTERNACK-PEWAD5002 Datasheet
366Kb / 3P
WR-15 Waveguide Bulkhead Adapter UG-385/U Round Cover Flange, 50 GHz to 75 GHz
PEWAD5003 PASTERNACK-PEWAD5003 Datasheet
367Kb / 3P
WR-19 Waveguide Bulkhead Adapter UG-383/U-Mod Round Cover Flange, 40 GHz to 60 GHz
PEWAD5004 PASTERNACK-PEWAD5004 Datasheet
364Kb / 3P
WR-22 Waveguide Bulkhead Adapter UG-383/U Round Cover Flange, 33 GHz to 50 GHz
PEWAD5005 PASTERNACK-PEWAD5005 Datasheet
366Kb / 3P
WR-28 Waveguide Bulkhead Adapter UG-599/U Square Cover Flange, 26.5 GHz to 40 GHz
More results

Similar Description - PEWAD5000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWMT1000 PASTERNACK-PEWMT1000 Datasheet
513Kb / 3P
WR-10 Waveguide Magic Tee, UG-387/U-Mod Round Cover Flange Operating from 75 GHz to 110 GHz
PE-W10CA001 PASTERNACK-PE-W10CA001 Datasheet
403Kb / 4P
WR-10 UG-387/U-Mod Round Cover Flange to 1.0mm Female Waveguide to Coax Adapter Operating From 75 GHz to 110 GHz, W Band
PE-W10CA002 PASTERNACK-PE-W10CA002 Datasheet
406Kb / 4P
WR-10 UG-387/U-Mod Round Cover Flange to 1.0mm Male Waveguide to Coax Adapter Operating From 75 GHz to 110 GHz, W Band
PE-W10S001-3 PASTERNACK-PE-W10S001-3 Datasheet
341Kb / 3P
WR-10 Instrumentation Grade Straight Waveguide Section 3 Inch Length, UG-387/U-Mod Round Cover Flange from 75 GHz to 110 GHz
PE-W10S001-6 PASTERNACK-PE-W10S001-6 Datasheet
339Kb / 3P
WR-10 Instrumentation Grade Straight Waveguide Section 6 Inch Length, UG-387/U-Mod Round Cover Flange from 75 GHz to 110 GHz
PEWAD5001 PASTERNACK-PEWAD5001 Datasheet
367Kb / 3P
WR-12 Waveguide Bulkhead Adapter UG-387/U Round Cover Flange, 60 GHz to 90 GHz
PEWAD5002 PASTERNACK-PEWAD5002 Datasheet
366Kb / 3P
WR-15 Waveguide Bulkhead Adapter UG-385/U Round Cover Flange, 50 GHz to 75 GHz
PEWAD5003 PASTERNACK-PEWAD5003 Datasheet
367Kb / 3P
WR-19 Waveguide Bulkhead Adapter UG-383/U-Mod Round Cover Flange, 40 GHz to 60 GHz
PEWAD5004 PASTERNACK-PEWAD5004 Datasheet
364Kb / 3P
WR-22 Waveguide Bulkhead Adapter UG-383/U Round Cover Flange, 33 GHz to 50 GHz
PEWAD5007 PASTERNACK-PEWAD5007 Datasheet
443Kb / 4P
WR-22 Waveguide Bulkhead Adapter UG-383/U Round Cover Flange, 33 GHz to 50 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com