Electronic Components Datasheet Search
  English  ▼

X  

PEWAD5010 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWAD5010
Description  WR-42 Waveguide Bulkhead Adapter UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWAD5010 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWAD5010 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWAD5010 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWAD5010 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWAD5010 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• Bulkhead adapter for WR-42
• UG-595/U Square Cover Flange
• K Band 18 to 26.5 GHz
• Mounted to panel with backing ring
• Neoprene Gasket
• Precision manufactured
• Painted Brass Construction
• Stainless steel screws included
Applications
• Test Instrumentation
• Sub-Assemblies
• Military and Space
• R&D labs
• Communications Systems
.
Description
The Pasternack PEWAD5010 is a WR-42 rectangular waveguide bulkhead adapters operating within the K Band frequency
range of 18 GHz to 26.5 GHz. The WR-42 bulkhead adapters are used for waveguide interface in panel mount equipment
or pressurized test chamber. A hole is made in the panel wall or bulkhead and the adapter is mounted to the panel with
screws and a backing ring that is complete with Neoprene gasket (both included). Once securely mounted, waveguides with
a Square Cover UG-595/U flange can be attached to the adapter on both sides of the bulkhead feedthough to allow a signal
path through the panel. This Pasternack series of rectangular waveguide bulkhead feedthrough adapters are offered to cover
frequency range of 5.85 GHz to 50 GHz in 9 waveguide bands and are ready to ship same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
18
26.5
GHz
VSWR
1.03:1
.
Mechanical Specifications
Size
Length
3 in [76.2 mm]
Width/Dia.
3.38 in [85.85 mm]
.
Weight
0.914 lbs [414.58 g]
.
Description
Flange 1
Waveguide
Flange 2
Type
Square Cover
WR-42
Square Cover
Designation
UG-595/U
UG-595/U
Material
Brass
Brass
Brass
...
.
PEWAD5010 REV 1.0
PEWAD5010
WR-42 Waveguide Bulkhead Adapter UG-595/U
Square Cover Flange, 18 GHz to 26.5 GHz
Waveguide Bulkhead Adapters Technical Data
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-42 Waveguide Bulkhead Adapter UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PEWAD5010


Similar Part No. - PEWAD5010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWAD5011 PASTERNACK-PEWAD5011 Datasheet
419Kb / 4P
WR-51 Waveguide Bulkhead Adapter Square Cover Flange, 15 GHz to 22 GHz
PEWAD5012 PASTERNACK-PEWAD5012 Datasheet
419Kb / 4P
WR-62 Waveguide Bulkhead Adapter UG-1665/U Square Cover Flange, 12.4 GHz to 18 GHz
PEWAD5013 PASTERNACK-PEWAD5013 Datasheet
438Kb / 4P
WR-75 Waveguide Bulkhead Adapter Square Cover Flange, 10 GHz to 15 GHz
PEWAD5014 PASTERNACK-PEWAD5014 Datasheet
419Kb / 4P
WR-90 Waveguide Bulkhead Adapter UG-39/U Square Cover Flange, 8.2 GHz to 12.4 GHz
PEWAD5015 PASTERNACK-PEWAD5015 Datasheet
442Kb / 4P
WR-90 Waveguide Bulkhead Adapter CPR-90G Flange, 8.2 GHz to 12.4 GHz
More results

Similar Description - PEWAD5010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9813A PASTERNACK-PE9813A Datasheet
364Kb / 3P
WR-42 UG-595/U Square Cover Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz
PEWMT1006 PASTERNACK-PEWMT1006 Datasheet
490Kb / 3P
WR-42 Waveguide Magic Tee, UG-595/U Square Cover Flange Operating from 18 GHz to 26.5 GHz
PEWSP1003 PASTERNACK-PEWSP1003 Datasheet
492Kb / 4P
WR-42 Waveguide Pressurizing Section 4.25 Inch Length, UG-595/U Square Cover Flange from 18 GHz to 26.5 GHz
PEWCP1039 PASTERNACK-PEWCP1039 Datasheet
410Kb / 5P
WR-42 20 dB Waveguide Crossguide Coupler, UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PEWCP1040 PASTERNACK-PEWCP1040 Datasheet
408Kb / 5P
WR-42 30 dB Waveguide Crossguide Coupler, UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PEWCP1041 PASTERNACK-PEWCP1041 Datasheet
409Kb / 5P
WR-42 40 dB Waveguide Crossguide Coupler, UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PEWCP1042 PASTERNACK-PEWCP1042 Datasheet
409Kb / 5P
WR-42 50 dB Waveguide Crossguide Coupler, UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PE-W42SF005-24 PASTERNACK-PE-W42SF005-24 Datasheet
391Kb / 4P
WR-42 Seamless Flexible Waveguide, UG-595/U Square Cover Flange Operating From 18 GHz to 26.5 GHz
PEWAD5005 PASTERNACK-PEWAD5005 Datasheet
366Kb / 3P
WR-28 Waveguide Bulkhead Adapter UG-599/U Square Cover Flange, 26.5 GHz to 40 GHz
PEWAD5006 PASTERNACK-PEWAD5006 Datasheet
366Kb / 3P
WR-42 Waveguide Bulkhead Adapter UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com