Electronic Components Datasheet Search
  English  ▼

X  

PEWAD5017 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWAD5017
Description  WR-112 Waveguide Bulkhead Adapter CPR-112G Flange, 7.05 GHz to 10 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWAD5017 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWAD5017 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWAD5017 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWAD5017 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWAD5017 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
7.1
7.3
7.6
7.9
8.2
8.5
8.8
9.1
9.4
9.7
10.0
7.05 GHz
VSWR
WR-112 Waveguide Bulkhead Adapter CPR-112G Flange, 7.05 GHz to 10 GHz from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-112 Waveguide Bulkhead Adapter CPR-112G Flange, 7.05 GHz to 10 GHz PEWAD5017
URL: https://www.pasternack.com/wr-112-waveguide-bulkhead-adapter-cpr-112g-10-ghz-pewad5017-p.aspx
PEWAD5017 REV 1.0
PEWAD5017
WR-112 Waveguide Bulkhead Adapter CPR-
112G Flange, 7.05 GHz to 10 GHz
Waveguide Bulkhead Adapters Technical Data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com