Electronic Components Datasheet Search
  English  ▼

X  

RG217-U Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # RG217-U
Description  Flexible RG217 Coax Cable Double Shielded with Black PVC Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG217-U Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  RG217-U Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG217-U Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG217-U Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
•
Flexible Cable
• 2 Shield(s)
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
5
GHz
Impedance
50
Ohms
Velocity of Propagation
66
%
Operating Voltage (AC)
5,200
Vrms
Nominal Capacitance
30.8 [101.05]
pF/ft [pF/m]
. .
Performance by Frequency Band
Description
F1
F2
F3
F4
F5
Units
Frequency
0.01
0.1
1
5
GHz
Attenuation, Typ
0.42
1.41
5.8
19
dB/100ft
1.38
4.63
19.03
62.34
dB/100m
.
Input Power (CW), Max
6,000
1,200
260
85
Watts
.
Mechanical Specifications
Diameter
0.545 in [13.84 mm]
Weight
0.225 lbs/ft [0.33 Kg/m]
.
Construction Specifications
Description
Material and Plating
Diameter
Inner Conductor
Copper, 1 Strands
0.106 in [2.69 mm]
.
Conductor Type
Solid
.
Dielectric
PE
0.37 in [9.4 mm]
.
First Shield
Copper Braid
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Flexible RG217 Coax Cable Double Shielded with Black PVC Jacket RG217/U
RG217/U REV 1.1
Flexible RG217 Coax Cable Double
Shielded with Black PVC Jacket
RF Cables Technical Data Sheet
RG217/U


Similar Part No. - RG217-U

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
RG213 MULTICOMP-RG213 Datasheet
129Kb / 1P
RG213B Coaxial Cable
07/04/20 V1.0
logo
Pasternack Enterprises,...
RG213-U PASTERNACK-RG213-U Datasheet
363Kb / 3P
Flexible RG213 Coax Cable Single Shielded with Black PVC Jacket
logo
Multicomp Pro
RG213B MULTICOMP-RG213B Datasheet
129Kb / 1P
RG213B Coaxial Cable
07/04/20 V1.0
logo
Infinite Electronics In...
RG213HV-BULK FAIRVIEW-RG213HV-BULK Datasheet
479Kb / 3P
20kV Flexible RG213 High Voltage Coax Cable Single Shielded with Red PUR Jacket
REV 1A
logo
Multicomp Pro
RG214 MULTICOMP-RG214 Datasheet
130Kb / 1P
RG214 Coaxial Cable
07/04/20 V1.0
More results

Similar Description - RG217-U

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG6A-U PASTERNACK-RG6A-U Datasheet
279Kb / 3P
75 Ohm Flexible RG6 Coax Cable Double Shielded with Black PVC (NC) Jacket
PE-B400 PASTERNACK-PE-B400 Datasheet
1Mb / 3P
Flexible RG8 Type with Foam Dielectric Coax Cable Double Shielded with Black PVC Jacket
RG8X PASTERNACK-RG8X Datasheet
1Mb / 3P
Flexible RG8X Coax Cable Single Shielded with Black PVC NC Jacket
RG8A-U PASTERNACK-RG8A-U Datasheet
240Kb / 3P
Flexible RG8 Coax Cable Single Shielded with Black PVC (NC) Jacket
RG58C-U PASTERNACK-RG58C-U Datasheet
426Kb / 3P
Flexible RG58 Coax Cable Single Shielded with Black PVC (NC) Jacket
RG174A-U PASTERNACK-RG174A-U Datasheet
636Kb / 3P
Flexible RG174 Coax Cable Single Shielded with Black PVC Jacket
RG213-U PASTERNACK-RG213-U Datasheet
363Kb / 3P
Flexible RG213 Coax Cable Single Shielded with Black PVC Jacket
RG214-U PASTERNACK-RG214-U Datasheet
367Kb / 3P
Flexible RG214 Coax Cable Double Shielded with Black PVC Jacket
RG218-U PASTERNACK-RG218-U Datasheet
279Kb / 3P
Flexible RG218 Coax Cable Single Shielded with Black PVC Jacket
RG223-U PASTERNACK-RG223-U Datasheet
399Kb / 3P
Flexible RG223 Coax Cable Double Shielded with Black PVC Jacket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com