Electronic Components Datasheet Search
  English  ▼

X  

MSK613 Datasheet(PDF) 2 Page - Anaren Microwave

Part # MSK613
Description  HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK613 Datasheet(HTML) 2 Page - Anaren Microwave

  MSK613 Datasheet HTML 1Page - Anaren Microwave MSK613 Datasheet HTML 2Page - Anaren Microwave MSK613 Datasheet HTML 3Page - Anaren Microwave MSK613 Datasheet HTML 4Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
±65VDC
±VCC
±18VDC
25°C/W
VIN=0 @ +VCC
VIN=0 @ -VCC
VIN=0 @ +VHV
VIN=0 @ -VHV
VIN=0
±VCC
±VHV
f=1KHz
f=1KHz
V0=±40V
V0=±1.0V
V0=±40V
VO=±40V f=1KHz
AV=-10V/V VO=±40V
AV=-10V/V VO=±40V
AV=-10V/V VO=±40V
STATIC
Input Offset Voltage Drift
DYNAMIC CHARACTERISTICS
Output Voltage Swing
Peak Output Current
Full Power Output
Unity Gain Bandwidth
Slew Rate
Voltage Gain
Settling Time to 1%
Settling Time to 0.1%
Settling Time to 0.05%
Group A
Subgroup
1,2,3
1,2,3
1,2,3
1,2,3
1
2,3
1
2,3
2,3
-
-
4
-
-
-
4
4
-
-
-
-65°C to +150°C
300°C
-40 °C to +85°C
-55°C to +125°C
150°C
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
TJ
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK613
MSK613H
Junction Temperature
Supply Voltage
Input Voltage Range
Supply Voltage (Input Stage)
Thermal Resistance
(Output Devices)
±VHV
±VIN
±VCC
θJC
Typ.
1.0
12
10
12
±0.2
±1.0
50
100
±15
±15
±55
±45
±150
12
100
3500
100
100
400
750
Min.
-
-
-
-
-
-
-
-
-
±12
±40
±40
±100
5
80
2000
90
-
-
-
Max.
3.5
30
15
15
±5.0
±10.0
250
500
±50
±18
±65
-
-
-
-
-
-
-
-
1.5
Min.
-
-
-
-
-
-
-
-
-
±12
±40
±40
±100
4
80
2000
90
-
-
-
Max.
4.0
32
15
15
±5.0
-
500
-
-
±18
±65
-
-
-
-
-
-
-
-
1.6
MSK 613H
MSK 613
Parameter
Test Conditions
ELECTRICAL SPECIFICATIONS
1
mA
mA
mA
mA
mV
mV
nA
nA
µV/°C
V
V
V
mA
MHz
MHz
V/µS
dB
nS
nS
µS
Units
Typ.
1.0
15
10
10
±1.0
±2.0
50
100
±15
±15
±55
±45
±150
12
100
3500
100
100
400
750
1
2
3
4
5
Unless otherwise specified, ±VCC=±15VDC, ±VHV=±55VDC, CL=8pF (probe capacitance) and AV=10V/V.
This parameter is guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 1,4
TA=TC=+25°C
Subgroup 2,5
TA=TC=+125°C
Subgroup 3,6
TA=TC=-55°C
NOTES:
Quiescent Current
Input Offset Voltage
Input Bias Current
VIN=0
Power Supply Range
2
2
2
2
2
2
2
2
Rev. B 8/00
2
2
3
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com