Electronic Components Datasheet Search
  English  ▼

X  

MSK197RH Datasheet(PDF) 2 Page - Anaren Microwave

Part # MSK197RH
Description  RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK197RH Datasheet(HTML) 2 Page - Anaren Microwave

  MSK197RH Datasheet HTML 1Page - Anaren Microwave MSK197RH Datasheet HTML 2Page - Anaren Microwave MSK197RH Datasheet HTML 3Page - Anaren Microwave MSK197RH Datasheet HTML 4Page - Anaren Microwave MSK197RH Datasheet HTML 5Page - Anaren Microwave MSK197RH Datasheet HTML 6Page - Anaren Microwave MSK197RH Datasheet HTML 7Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
9
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL SPECIFICATIONS
VIN
Input Voltage (+IN, -IN to V-).................-9.5V to 44V
TST
Storage Temperature Range...........-65°C to +150°C
Differential Input Voltage.....................................44V
TLD
Lead Temperature Range
Total Supply Voltage from V-...............................36V
(10 Seconds)...................................................300°C
VCC
Output Short Circuit Duration.....................Indefinite
TJ
Junction Temperature....................................+150°C
TC
Case Operating Temperature Range
MSK197K, HRH, KRH....................-55°C to +125°C
MSK197RH.......................................-40°C to +85°C
MSK197EDU....................................-40°C to +85°C
ESD Rating.................................................Class 1B
NOTES:
1
Unless otherwise specified; V+=12V, V-=0V, VS+=12V, RIN1=RIN2 =100W, ROUT=5K(AV = 50), VSENSE=(VS+)-(VS-).
2
Guaranteed by design but not tested.
3
Typical parameters are representative of device performance but are for reference only.
4
A heat sink may be required to keep the junction temperature below absolute maximum ratings.
5
Industrial grade devices shall be tested to subgroup 1 and 4 unless otherwise specified.
6
Military grade devices (“K, H” suffix) shall be 100% tested to subgroups 1,2,3, and 4
7
Subgroup 5 & 6 testing available upon request.
8
Subgroup 1,4
TC = +25°C
Subgroup 2,5
TC = +125°C
Subgroup 3,6
TC = -55°C
9
Continuous operation at or above absolute maximum ratings may adversely affect the device performance and/or life cycle.
Pre and post irradiation limits at 25°C, up to 100 Krad(Si) TID (Condition A) and 50 Krad(Si) TID (Condition D), are identical unless otherwise
specified.
11
MSK197EDU does not use Rad Hard die, post irradiation specifications are not applicable.
Parameter
Test Conditions
1
Group A
Subgroup
MSK 197V/K/HRH
MSK 197RH/EDU
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Voltage Gain Error 1
VSENSE = 25mV to 75mV
1
-1
0.1
1
-1
-
+1
%
2, 3
-1.5
0.1
1.5
-
-
-
%
Voltage Gain Error 2
VSENSE = 25mV to 75mV
1, 2, 3
-4.25
-
+2.25
-4.25
-
+2.25
%
VS + = 0V
Post Irradiation
1
-4.5
-
+4.5
-4.5
-
+4.5
%
Input Offse Voltage 1
VSENSE = 25mV; VS + = 12V
1
-0.4
-0.1
0.4
-0.4
-0.1
0.4
mV
2, 3
-0.9
-
0.9
-
-
-
mV
Post Irradiation Condition A
1
-1.0
-
1.0
-1.0
-
1.0
mV
Post Irradiation Condition D
1
-2.0
-
1.0
-2.0
-
1.0
mV
Input Offset Voltage 2
VSENSE = 5mV; VS + = 0V
1
-1
-0.3
1
-1
-0.3
1
mV
2, 3
-1.6
-
1.6
-
-
-
mV
Post Irradiation
1
-1.2
-
1.2
-1.2
-
1.2
mV
Input Common Mode Rejection Ratio
VSENSE = 5mV; VS + = 2.8V to 44V
4
100
120
-
100
120
-
dB
5, 6
95
-
-
-
-
-
dB
Post Irradiation
4
90
-
-
90
-
-
dB
Power Supply Rejection Ratio
VSENSE = 5mV; V + = 2.85V to 36V
4
98
120
-
98
120
-
dB
5, 6
94
-
-
-
-
-
dB
Post Irradiation
4
90
-
-
90
-
-
dB
Input Current
3
VSENSE = 0V; VS + = 3V; AV = 25
VSENSE = 0V; VS + = 0V
1, 2, 3
-
18
30
-
18
30
µA
-
-
-0.05
-
-
-0.05
-
µA
Input Offset Current
3
VSENSE = 0V; VS + = 3V; AV = 25
VSENSE = 0V; VS + = 0V
1, 2, 3
-
0.35
0.8
-
0.35
0.8
µA
-
-
0.1
-
-
0.1
-
µA
V+ Supply Current
VSENSE = 0V; VS + = 3V; V + = 36V
1, 2, 3
-
195
450
-
195
450
µA
Minimum Output Voltage
VSENSE = 0mV; VS + = 44V; V + = 36V
1, 2, 3
-
-
45
-
-
45
mV
Output High (Referred to V +)
VSENSE = 120mV; AV = 100; ROUT = 10K
1, 2, 3
-
1.3
1.7
-
1.3
1.7
V
-3dB Bandwidth
3
VSENSE = 50mV; AV = 100V/V
-
-
100
-
-
100
-
kHz
Thermal Resistance
2
Junction to Case @ 125°C
-
-
20.0
24.5
-
20.0
24.5
°C/W
2
8548-165 Rev. B 9/17



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com