Electronic Components Datasheet Search
  English  ▼

X  

MSK181Z Datasheet(PDF) 2 Page - Anaren Microwave

Part # MSK181Z
Description  HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK181Z Datasheet(HTML) 2 Page - Anaren Microwave

  MSK181Z Datasheet HTML 1Page - Anaren Microwave MSK181Z Datasheet HTML 2Page - Anaren Microwave MSK181Z Datasheet HTML 3Page - Anaren Microwave MSK181Z Datasheet HTML 4Page - Anaren Microwave MSK181Z Datasheet HTML 5Page - Anaren Microwave MSK181Z Datasheet HTML 6Page - Anaren Microwave MSK181Z Datasheet HTML 7Page - Anaren Microwave MSK181Z Datasheet HTML 8Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STATIC
Supply Voltage Range
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Bias Current
Input Offset Current
Input Impedance
Input Capacitance
Common Mode Rejection Ratio
Input Voltage Noise Density
OUTPUT
Output Current
Current Limit
Output Disable Time
Output Enable Time
TRANSFER CHARACTERISTICS
Slew Rate
Open Loop Voltage Gain
Settling Time ±0.1%
Max.
±30
±20
±23
-
±10
-
±500
±50
-
-
-
-
-
-
-
1.650
-
-29
-
-
-
-
-
-
-
60V
5A
±29.5V
+27V/-29V
Internal Protection
(See Application Note)
Total Supply Voltage
Output Current (within S.O.A.)
Input Voltage (Differential)
Input Voltage (Common Mode)
Junction Temperature
-65°C to +150°C
300°C
-40°C to +125°C
-25°C to +85°C
2.5°C/W
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
RTH
VCC
±IOUT
VIND
VIN
TJ
Storage Temperature Range
Lead Temperature Range
(10 seconds)
Case Operating Temperature
(MSK181G) See Note 6
(MSK181)
Thermal Resistance
Junction to Case
VIN=0V
VIN=0V
VIN=0V
VIN=OV
f=DC
f=DC
(-VCC
)-0.1≤ VIN ≤ (+VCC)-3V
f=1KHZ
IOUT=0.6A
IOUT=3.0A
DC=Continuous
RCL=34KΩ 0.1%
VE/S High- Output Enabled E/S Open or High
VE/S Low- Output Disabled E/S Forced Low
IE/S High- Output Enabled E/S Open or High
IE/S Low- Output Disabled E/S Forced Low
AV=1 VOUT= 50Vp-p RL=500Ω
VOUT=±25V RL=1KΩ
AV=10 50V Step
Group A
Subgroup
-
1
2,3
-
1
-
1
1
-
-
1
-
1
1
1
1
4
4
-
-
-
-
4
4
-
Typ.
-
±17
±19
±6
±2
±30
±100
±5
10
6
95
90
±28
±26
-
1.5
-
-
-65
-70
1
3
10
98
15
Min.
±4
-
-
-
-
-
-
±1
-
-
80
-
±27
±25.5
±3
1.350
-27.5
-
-
-
-
-
6.0
90
-
Min.
±4
-
-
-
-
-
-
-
-
-
75
-
±26
±24
±3
1.350
-27.5
-
-
-
-
-
5.0
88
-
Max.
±30
±23
-
-
±15
-
±750
±75
-
-
-
-
-
-
-
1.650
-
-29
-
-
-
-
-
-
-
Typ.
-
±17
-
±6
±2
±30
±100
±5
10
6
95
90
±28
±26
-
1.5
-
-
-65
-70
1
3
10
98
18
Units
V
mA
mA
mA
mV
μV/°C
nA
nA
Ω
pF
dB
nV/
√HZ
V
V
A
A
V
V
μA
μA
μS
μS
V/μS
dB
MSK181G
MSK181
Parameter
Test Conditions
ELECTRICAL SPECIFICATIONS
1
Quiescent Current
Quiescent Current
VIN=0V
Shutdown Mode VIN=0V
7
7
Shutdown Input
Output Voltage Swing
2
2
2
2
8
2
1
2
3
4
5
6
7
8
9
Unless otherwise specified ±VCC=±30VDC and E/S pin is open.
Devices shall be capable of meeting the parameter, but need not to be tested. Typical parameters are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('G' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 1,4 TA=TC=+25°C
Subgroup 2
TA=TC=+125°C
Subgroup 3
TA=TC=-40°C
Refer to SMD 5962-92152 for electrical parameters for devices purchased as such.
The operating temperature range is -55° to +125°C if the device is powered. The minimum cold start temperature is -40°C.
Continuous operation at or above absolute maximum ratings may adversly effect the device performance and/or life cycle.
Internal solder reflow temperature is 180°C, do not exceed.
NOTES:
2
2
2
6
9
8548-1 Rev. M 8/14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com