Electronic Components Datasheet Search
  English  ▼

X  

KPCSLNM1.F1 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # KPCSLNM1.F1
Description  Head-Up Display LED & Laser
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KPCSLNM1.F1 Datasheet(HTML) 1 Page - OSRAM GmbH

  KPCSLNM1.F1 Datasheet HTML 1Page - OSRAM GmbH KPCSLNM1.F1 Datasheet HTML 2Page - OSRAM GmbH KPCSLNM1.F1 Datasheet HTML 3Page - OSRAM GmbH KPCSLNM1.F1 Datasheet HTML 4Page - OSRAM GmbH KPCSLNM1.F1 Datasheet HTML 5Page - OSRAM GmbH KPCSLNM1.F1 Datasheet HTML 6Page - OSRAM GmbH KPCSLNM1.F1 Datasheet HTML 7Page - OSRAM GmbH KPCSLNM1.F1 Datasheet HTML 8Page - OSRAM GmbH KPCSLNM1.F1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
KP CSLNM1.F1
1 Version 1.4 | 2018-03-29
Produktdatenblatt | Version 1.1
www.osram-os.com
KP CSLNM1.F1
OSRAM OSTAR® Projection Compact
Compact light source with isolated heat sink for im-
proved heat dissipation and high current chip tech-
nology for increased light output.
Applications
—
Head-Up Display LED & Laser
—
Projection Home LED & Laser
Features:
—
Package: white molded SMD ceramic package
—
Chip technology: UX:3
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: Cx = 0.322, Cy = 0.639 acc. to CIE 1931 (● pure green)
—
Corrosion Robustness Class: 3B


Similar Part No. - KPCSLNM1.F1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KPCSLMM1.F1 OSRAM-KPCSLMM1.F1 Datasheet
1Mb / 25P
Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
Version 1.1 2024-06-05
KPCSLMM1.F1-5N8N-A OSRAM-KPCSLMM1.F1-5N8N-A Datasheet
1Mb / 25P
Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
Version 1.1 2024-06-05
KPCSLMMA.F1 OSRAM-KPCSLMMA.F1 Datasheet
1Mb / 25P
OSRAM OSTAR® Projection Compact
Version 1.0 2023-11-14
KPCSLMMA.F1-5N8N-A-0 OSRAM-KPCSLMMA.F1-5N8N-A-0 Datasheet
1Mb / 25P
OSRAM OSTAR® Projection Compact
Version 1.0 2023-11-14
KPCSLPM1.F1 OSRAM-KPCSLPM1.F1 Datasheet
807Kb / 24P
Stage and Entertainment Lighting
More results

Similar Description - KPCSLNM1.F1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7217 INTERSIL-ICM7217 Datasheet
137Kb / 19P
4-Digit LED Display, Programmable Up/Down Counter
August 1997
ICM7217 INTERSIL-ICM7217_01 Datasheet
475Kb / 20P
4-Digit LED Display, Programmable Up/Down Counter
July 2001
logo
Mitsubishi Electric Sem...
ML520G51 MITSUBISHI-ML520G51 Datasheet
129Kb / 4P
LASER DIODES FOR DISPLAY SYSTEM
ML520G54 MITSUBISHI-ML520G54 Datasheet
148Kb / 4P
LASER DIODES FOR DISPLAY SYSTEM
ML520G71 MITSUBISHI-ML520G71 Datasheet
131Kb / 4P
LASER DIODES FOR DISPLAY SYSTEM
logo
Lite-On Technology Corp...
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
LED Display
LTD-5633C LITEON-LTD-5633C Datasheet
494Kb / 7P
LED Display
logo
OSRAM GmbH
PLPT5450KA OSRAM-PLPT5450KA Datasheet
1,011Kb / 13P
Projection Professional LED & Laser
logo
Renesas Technology Corp
ICM7217 RENESAS-ICM7217 Datasheet
896Kb / 19P
4-Digit LED Display,Programmable Up/Down Counter
July 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com