Electronic Components Datasheet Search
  English  ▼

X  

LTW5SM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LTW5SM
Description  Transportation, Plane, Ship
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTW5SM Datasheet(HTML) 1 Page - OSRAM GmbH

  LTW5SM Datasheet HTML 1Page - OSRAM GmbH LTW5SM Datasheet HTML 2Page - OSRAM GmbH LTW5SM Datasheet HTML 3Page - OSRAM GmbH LTW5SM Datasheet HTML 4Page - OSRAM GmbH LTW5SM Datasheet HTML 5Page - OSRAM GmbH LTW5SM Datasheet HTML 6Page - OSRAM GmbH LTW5SM Datasheet HTML 7Page - OSRAM GmbH LTW5SM Datasheet HTML 8Page - OSRAM GmbH LTW5SM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LT W5SM
1 Version 1.2 | 2018-03-14
Produktdatenblatt | Version 1.1
www.osram-os.com
LT W5SM
Golden DRAGON®
Applications
—
Transportation, Plane, Ship
Features:
—
Package: white SMD package, colorless clear silicone resin
—
Chip technology: ThinGaN
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 528 nm (● true green)
—
Optical efficacy: 129 lm/W
—
Corrosion Robustness Class: 3B
—
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)


Similar Part No. - LTW5SM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTW5SM OSRAM-LTW5SM Datasheet
633Kb / 21P
Backlighting
LTW5SM-JYKY-25 OSRAM-LTW5SM-JYKY-25 Datasheet
633Kb / 21P
Automotive Interior Lighting
LTW5SM-JYKY-25 OSRAM-LTW5SM-JYKY-25 Datasheet
633Kb / 21P
Backlighting
More results

Similar Description - LTW5SM

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KPTH ITT-KPTH Datasheet
83Kb / 1P
Hermetic Industrial Military Transportation
logo
NXP Semiconductors
MF1ICS70 NXP-MF1ICS70_10 Datasheet
334Kb / 20P
Functional specification Public transportation
Rev. 4.4-25 November 2010
MF1ICS50 NXP-MF1ICS50_10 Datasheet
326Kb / 20P
Functional specification Public transportation
Rev. 5.6-24 November 2010
logo
Maxwell Technologies
BMOD0063 MAXWELL-BMOD0063_13 Datasheet
981Kb / 6P
125V HEAVY TRANSPORTATION MODULE
logo
ITT Industries
1504728 ITT-1504728 Datasheet
571Kb / 2P
APD Transportation Connectors
logo
Power System Technology
PST06 PST-PST06 Datasheet
285Kb / 4P
Industrial / Transportation
logo
ATMEL Corporation
ATDVK90CAN1 ATMEL-ATDVK90CAN1 Datasheet
1Mb / 6P
Automotive and Transportation Systems
logo
Laird Tech Smart Techno...
OC51505H LSTD-OC51505H Datasheet
575Kb / 1P
Transportation centers
B4303S LSTD-B4303S Datasheet
521Kb / 2P
Transportation
logo
Japan Aviation Electron...
CT150-2-MX34 JAE-CT150-2-MX34 Datasheet
147Kb / 2P
Transportation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com