Electronic Components Datasheet Search
  English  ▼

X  

LTQ39E Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LTQ39E
Description  Electronic Equipment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTQ39E Datasheet(HTML) 5 Page - OSRAM GmbH

  LTQ39E Datasheet HTML 1Page - OSRAM GmbH LTQ39E Datasheet HTML 2Page - OSRAM GmbH LTQ39E Datasheet HTML 3Page - OSRAM GmbH LTQ39E Datasheet HTML 4Page - OSRAM GmbH LTQ39E Datasheet HTML 5Page - OSRAM GmbH LTQ39E Datasheet HTML 6Page - OSRAM GmbH LTQ39E Datasheet HTML 7Page - OSRAM GmbH LTQ39E Datasheet HTML 8Page - OSRAM GmbH LTQ39E Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LT Q39E
5 Version 1.4 | 2018-03-29
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 5 mA
I
F = 5 mA
I
F = 5 mA
min.
max.
typ.
I
v
I
v
Φ
V
Q1
71 mcd
90 mcd
340 mlm
Q2
90 mcd
112 mcd
420 mlm
R1
112 mcd
140 mcd
530 mlm
R2
140 mcd
180 mcd
670 mlm
S1
180 mcd
224 mcd
850 mlm
S2
224 mcd
280 mcd
1060 mlm
T1
280 mcd
355 mcd
1330 mlm
T2
355 mcd
450 mcd
1690 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 5 mA
I
F = 5 mA
min.
max.
V
F
V
F
3X
2.60 V
2.70 V
3Y
2.70 V
2.80 V
3Z
2.80 V
2.90 V
4X
2.90 V
3.00 V
4Y
3.00 V
3.10 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
2
520 nm
525 nm
3
525 nm
530 nm
4
530 nm
535 nm
5
535 nm
540 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com