Electronic Components Datasheet Search
  English  ▼

X  

LCGH9RM Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LCGH9RM
Description  OSRAM OSTAR Projection Cube
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCGH9RM Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LCGH9RM Datasheet HTML 2Page - OSRAM GmbH LCGH9RM Datasheet HTML 3Page - OSRAM GmbH LCGH9RM Datasheet HTML 4Page - OSRAM GmbH LCGH9RM Datasheet HTML 5Page - OSRAM GmbH LCGH9RM Datasheet HTML 6Page - OSRAM GmbH LCGH9RM Datasheet HTML 7Page - OSRAM GmbH LCGH9RM Datasheet HTML 8Page - OSRAM GmbH LCGH9RM Datasheet HTML 9Page - OSRAM GmbH LCGH9RM Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2016-02-01
6
Version 1.1 - OS-PCN-2015-034-A
LCG H9RM
Color Chromaticity Groups 2) page 21
Farbortgruppen 2) Seite 21
Chromaticity Coordinate Groups 2) page 21
Farbortgruppen 2) Seite 21
within λ = 500 ... 600 nm
Group
Gruppe
Cx
Cy
1
0.3123
0.6378
0.3190
0.6478
0.3223
0.6311
0.3290
0.6411
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
0,80
0,90
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
Cx
Cy
0,630
0,640
0,650
0,310
0,320
0,330
Cx
Cy
Coordinates in reference to CIE 1931 (cx cy)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com