Electronic Components Datasheet Search
  English  ▼

X  

NJU6535 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJU6535
Description  1/3 , 1/4 Duty LCD Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6535 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJU6535 Datasheet HTML 17Page - New Japan Radio NJU6535 Datasheet HTML 18Page - New Japan Radio NJU6535 Datasheet HTML 19Page - New Japan Radio NJU6535 Datasheet HTML 20Page - New Japan Radio NJU6535 Datasheet HTML 21Page - New Japan Radio NJU6535 Datasheet HTML 22Page - New Japan Radio NJU6535 Datasheet HTML 23Page - New Japan Radio NJU6535 Datasheet HTML 24Page - New Japan Radio NJU6535 Datasheet HTML 25Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
NJU6535
- 21 -
ABSOLUTE MAXIMUMN RATINGS
Ta=25
°°°°C
PARAMETER
SYMBOL
CONDITION
RATINGS
UNIT
Supply Voltage
VDDmax
VDD terminal, Ta=25
°C
-0.3 to +6.0
V
Input Voltage
VI
OSC, K0 to K4, V0 to V2 ,
CE, SCL, SI terminal, Ta=25
°C
-0.3 to VDD+0.3
V
Output Voltage
VO
SO, OSC, SEG1 to SEG42,,
COM1 to COM4, S0 to S5,
P0 to P3 ,Ta=25
°C
-0.3 to VDD+0.3
V
Power Dissipation
Pdmax
Ta=85
°C
300
mW
Storage Temperature
Tstg
-
-55 to +125
°C
Operating temperature
Topr
-
-40 to +85
°C
Note1) All voltage values are specified as Vss = 0V.
Note2) If the LSI are used on condition beyond the absolute maximum rating, the LSI may be destroyed.
Using LSI within electrical characteristics is strongly recommended for normal operation. Use
beyond the electric characteristics conditions will cause malfunction and poor reliability.
Note3) Decoupling capacitor should be connected between VDD and Vss due to the stabilized
operation for the voltage converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com