Electronic Components Datasheet Search
  English  ▼

X  

NJW1157 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJW1157
Description  8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1157 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJW1157 Datasheet HTML 14Page - New Japan Radio NJW1157 Datasheet HTML 15Page - New Japan Radio NJW1157 Datasheet HTML 16Page - New Japan Radio NJW1157 Datasheet HTML 17Page - New Japan Radio NJW1157 Datasheet HTML 18Page - New Japan Radio NJW1157 Datasheet HTML 19Page - New Japan Radio NJW1157 Datasheet HTML 20Page - New Japan Radio NJW1157 Datasheet HTML 21Page - New Japan Radio NJW1157 Datasheet HTML 22Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
NJW1157
– 21 –
!
!
!
! TYPICAL CHARACTERISTICS
Tone Control Voltage Gain vs. Ambient Temperature
V+=7V V-=-7V
Vin=0dBV LAIN f=10kHz Vout=Lout
-15
-10
-5
0
5
10
15
-100
-50
0
50
100
150
Ambient Temperature [oC]
TREBLE=+10dB
TREBLE=-10dB
TREBLE=0dB
Tone Control Voltage Gain vs. Ambient Temperature
V+=7V V-=-7V
Vin=0dBV LAIN f=100Hz Vout=Lout
-15
-10
-5
0
5
10
15
-100
-50
0
50
100
150
Ambient Temperature [oC]
BASS=+10dB
BASS=0dB
BASS=-10dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com