Electronic Components Datasheet Search
  English  ▼

X  

ROS-200 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ROS-200
Description  Voltage Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ROS-200 Datasheet(HTML) 1 Page - Mini-Circuits

  ROS-200 Datasheet HTML 1Page - Mini-Circuits ROS-200 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY
(MHz)
POWER
OUTPUT
(dBm)
TUNING
VOLTAGE
(V)
PHASE NOISE
(dBc/Hz)
SSB at offset frequencies:
Typ.
PULLING
pk-pk
@ 12 dBr
(MHz)
PUSHING
(MHz/V)
TUNING
SENSITIVITY
(MHz/V)
HARMONICS
(dBc)
3 dB
MODULATION
BANDWIDTH
(MHz)
DC
OPERATING
POWER
Vcc
(volts)
Current
(mA)
Max.
Min.
Max.
Typ.
Min.
Max.
1
kHz
10
kHz
100
kHz
1
MHz
Typ.
Typ.
Typ.
Typ.
Max.
Typ.
100
200
+10.0
1
17
-80
-105
-125
-145
0.6
0.3
6-11
-30
-20
0.1
12
20
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
TM
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Surface Mount
ROS-200+
Maximum Ratings
Operating Temperature
-55°C to 85°C
Storage Temperature
-55°C to 100°C
Absolute Max. Supply Voltage (Vcc)
+13V
Absolute Max. Tuning Voltage (Vtune)
+18V
RF OUT
10
VCC
14
V-TUNE
2
GROUND
1,3,4,5,6,7,8,9,11,12,13,15,16
Pin Connections
Electrical Specifications
REV. D
M121747
EDR-4275/1
ROS-200+
MM/TD/CP/AM
090826
Outline Dimensions (
)
inch
mm
Outline Drawing
Suggested Layout,
Tolerance to be within±.002
PCB Land Pattern
Demo Board MCL P/N: TB-10
Suggested PCB Layout (PL-012)
Voltage Controlled Oscillator
Linear Tuning
100 to 200 MHz
CASE STYLE: CK605
PRICE: $12.95 ea. QTY (5-49)
Features
• octave band tuning
• low phase noise, -105 dBc/Hz at 10 kHz, typ.
• linear tuning, 6-11 MHz/V typ.
• aqueous washable
Applications
• test instruments-signal generators
• receivers
• VHF
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
wt.
.500
.500
.180
.100
.080
.115
.060
.040
.540
.060
.100
.135
.135
.115
.140
.070
.150
.070 grams
12.70 12.70 4.57 2.54 2.03 2.92 1.52 1.02 13.72 1.52 2.54 3.43 3.43 2.92 3.56 1.78 3.81 1.78
1.0
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
all specifications: 50 ohm system
Permanent damage may occur if any of these limits are exceeded.


Similar Part No. - ROS-200

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ROS-200-619 MINI-ROS-200-619 Datasheet
357Kb / 2P
Voltage Controlled Oscillator
ROS-200-619+ MINI-ROS-200-619+ Datasheet
357Kb / 2P
Voltage Controlled Oscillator
ROS-200-719 MINI-ROS-200-719 Datasheet
416Kb / 2P
Voltage Controlled Oscillator
REV. C
ROS-200-719+ MINI-ROS-200-719+ Datasheet
416Kb / 2P
Voltage Controlled Oscillator
REV. C
ROS-2000 MINI-ROS-2000 Datasheet
423Kb / 2P
Voltage Controlled Oscillator
REV. J
More results

Similar Description - ROS-200

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0698A-LF ZCOMM-CLV0698A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0787E-LF ZCOMM-CLV0787E-LF Datasheet
46Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0815E-LF ZCOMM-CLV0815E-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0945A-LF ZCOMM-CLV0945A-LF Datasheet
67Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV1052M-LF ZCOMM-CLV1052M-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com