Electronic Components Datasheet Search
  English  ▼

X  

PI3L100 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3L100
Description  3.3V, Wide Bandwidth Quad 2:1 Mux/Demux LanSwitch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L100 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3L100 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L100 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L100 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L100 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L100 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L100 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8504
11/13/00
Logic Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
16-Pin Product Configuration
E
S
YA
YB
YC
YD
Function
H
X
Hi-Z Hi-Z Hi-Z Hi-Z
Disable
L
L
IA0 IB0 IC0 ID0
S = 0
L
H
IA1
IB1
IC1
ID1
S = 1
Truth Table(1)
Note:
1. H = High Voltage Level
L = Low Voltage Level
Product Pin Description
Pin Name
Description
IAn-IDn
Data Inputs
S
Select Inputs
E
Enable
YA-YD
Data Outputs
GND
Ground
VCC
Power
PI3L100
3.3V, Wide Bandwidth Quad 2:1
Mux/Demux LanSwitch
Features
• Replaces mechanical relays
• High-performance, low-cost solution for switching
between different LAN signals
• Ultra-low quiescent power (0.1µA typical)
• Low crosstalk: –90dB @ 30 MHz
• Low insertion loss or on-resistance: 3
Ω typical
• Single supply operation: 3.3V
• Off isolation: –45dB @ 30 MHz
• Wide bandwidth data rates > 200 MHz
• Packages available:
– 16-pin 150 mil wide plastic QSOP (Q)
– 16-pin 173 mil wide plastic TSSOP (L)
E
IA0
IA1
IB0
IB1
IC0
IC1
ID0
ID1
S
YA
YB
YC
YD
VCC
1
S
16
E
2
IA0
15
ID0
3
IA1
14
ID1
4
YA
13
YD
5
IB0
12
IC0
6
IB1
11
IC1
7
YB
10
YC
8
GND
9
16-Pin
W,L
Description
Pericom Semiconductor’s PI3L series of logic circuits are produced
using the Company’s advanced submicron CMOS technology.
The PI3L100 is a Quad 2:1 multiplexer/demultiplexer LanSwitch
with three-state outputs. This device can be used for switching
between various standards, such as 10 Base-T and 100 Base-T.
Generally, this part can be used to replace mechanical relays in low
voltage LAN applications that have physical layer, unshielded
twisted pair media (UTP) with either CAT 3 or CAT 5 grade cable.


Similar Part No. - PI3L100

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L110 PERICOM-PI3L110 Datasheet
396Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110L PERICOM-PI3L110L Datasheet
396Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110L PERICOM-PI3L110L Datasheet
365Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110LE PERICOM-PI3L110LE Datasheet
396Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110LE PERICOM-PI3L110LE Datasheet
365Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
More results

Similar Description - PI3L100

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
3.3V, Quad 2:1 Mux/Demux Bus Switch
PI5L200 PERICOM-PI5L200 Datasheet
180Kb / 9P
Precision Wide Bandwidth LanSwitch Quad 2:1 Mux/DeMux
PI5L100 PERICOM-PI5L100 Datasheet
213Kb / 13P
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PI3B3257A PERICOM-PI3B3257A Datasheet
313Kb / 4P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
Wide Bandwidth, Dual 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5L200QX PERICOM-PI5L200QX Datasheet
185Kb / 9P
Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
logo
Analog Devices
ADG774 AD-ADG774_15 Datasheet
140Kb / 12P
Wide Bandwidth Quad 2:1 Mux
REV. C
logo
Pericom Semiconductor C...
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3257 DIODES-PI3B3257_V01 Datasheet
1Mb / 8P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
April 2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com