Electronic Components Datasheet Search
  English  ▼

X  

PJB772 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PJB772
Description  PNP Epitaxial Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJB772 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PJB772 Datasheet HTML 1Page - List of Unclassifed Manufacturers PJB772 Datasheet HTML 2Page - List of Unclassifed Manufacturers PJB772 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PJB772/PJB772S
PNP Epitaxial Silicon Transistor
1-3
2002/01.rev.A
AUDIO FREQ UENCY POWER AMPLIFIER
LOW SPEED SWITCHING
•
Complement to PJD882
•
PW10
µs,Duty Cycle50%
•
Pulse Test PW350
µs,Duty Cycle2%
Characteristics
Symbol
Test condition
Min
Typ
Max
Unit
Collector Cutoff Current
Emitter Cutoff Current
*DC Current Gain
*Collector Emitter Saturation
Voltage
*Base Emitter Saturation Voltage
Current Gain Bandwidth Product
Output Capacitance
Noise Figure
ICBO
IEBO
hFE1
hFE2
VCE(SAT)
VBE(SAT)
fT
Cob
NF
VCB=-30V,IE=0
VEB=-3V,IC=0
VCE=-2V,IC=-20mA
VCE=-2V,IC=-1A
IC=-2A,IB=-0.2A
IC=-2A,IB=-0.2A
VCE=-5V,IC=0.1A
VCB=-10V,IE=0
f=1MHz
VCE=10V,IC=1mA
RS=10K,f=1KHz
30
60
220
160
-0.3
-1.0
80
55
4
-1
-1
400
-0.45
-2.0
µA
µA
V
V
MHz
pF
dB
hFE(2) CLASSIFICATION
Classification
R
O
Y
G
hFE(2)
60-120
100-200
160-320
200-400
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Bias Voltage
Collector Current (DC)
*Collector Current (Pulse)
Base Current (DC)
Collector Dissipation (Ta=25℃)
Collector Dissipation (Tc=25℃)
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
IC
IB
PC
PC
Tj
Tstg
-50
-40
-5
-2
-5
-0.6
-
1
150
-
55~150
V
V
V
A
A
A
W
W
℃
℃
Device
Operating Temperature
Package
PJB772SCT
TO-92
PJB772CK
-20℃~+85℃
TO-126
TO-92
TO-126
Pin : 1.Emitter
2.Collector
3.Base
ABSOLUTE MAXIMUM RATINGS (T a = 25℃ )
ELECTRICAL CHARACTERISTICS (Ta = 25℃
℃
℃
℃
)
ORDERING INFORMATION


Similar Part No. - PJB772

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJB75N75 PANJIT-PJB75N75 Datasheet
165Kb / 4P
75V N-Channel Enhancement Mode MOSFET
More results

Similar Description - PJB772

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com