Electronic Components Datasheet Search
  English  ▼

X  

PI3L100L Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3L100L
Description  3.3V, Wide Bandwidth Quad 2:1 Mux/Demux LanSwitch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L100L Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3L100L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L100L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L100L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L100L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L100L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L100L Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PI3L100
3.3V, Wide Bandwidth Quad 2:1, Mux/Demux LanSwitch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8504
11/13/00
Figure 2. Gain/Phase Crosstalk, Off Isolation
S1
R1
T1
HP4195A
HP11667A
100
Ω
PI3L100
Figure 3. Differential Crosstalk Measurement
1
2
3
4
5
6
7
8
S
IA0
IA1
YA
IB0
IB1
YB
GND
16
15
14
13
12
11
10
9
VCC
Z
ID0
ID1
YD
IC0
IC1
YC
100
Ω
100
Ω
Vo
DSO
VCC = 3.3V
0.1
µF
100
Ω
100
Ω
PULSE
GENERATOR
PI3L100
Figure 4a. Full Duplex Transceiver
TX1
PI3L100
TRANSMIT 2
RX1
RECEIVE 2
OFFSET ADJUST



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com